Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC3370
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3302
10
Rev. 0
For more information www.analog.com
OPERATION
Voltage Regulation
The LTC3302 is a 5V, 2A monolithic, constant frequency,
peak current mode control, step-down DC/DC converter.
The synchronous buck switching regulators are internally
compensated and require only external feedback resis-
tors to set the output voltage. An internal oscillator, with
the frequency factory programmed or synchronized to an
external clock, turns on the internal top power switch at
the beginning of each clock cycle. Current in the inductor
ramps up until the top switch current comparator trips
and turns off the top power switch. The peak inductor
current at which the top switch turns off is controlled by
an internal VC voltage. The error amplifier regulates VC
by comparing the voltage on the FB node with an internal
500mV reference. An increase in the load current causes
a reduction in the feedback voltage relative to the refer-
ence, causing the error amplifier to raise the VC voltage
until the average inductor current matches the new load
current. When the top power switch turns off, the syn-
chronous power switch turns on and ramps down the
inductor current for the remainder of the clock cycle or,
if in pulse-skipping or Burst Mode operation, until the
inductor current falls to zero. If an overload condition
results in excessive current flowing through the bottom
switch, the next clock cycle is skipped until switch current
returns to a safe level.
The enable pin has a precision 400mV threshold to pro-
vide event-based power-up sequencing by connecting the
EN pin to the output of another buck through a resistor
divider. If the EN pin is low, the device is shut down and
in a low quiescent current state. When the EN pin is above
its threshold, the switching regulator enables.
The LTC3302 has forward and reverse inductor current
limiting, short-circuit protection, output overvoltage pro-
tection, and soft-start to limit inrush current during start-
up or recovery from a short-circuit.
Mode Selection
The LTC3302 operates in three modes set by the MODE/
SYNC pin: pulse-skipping (when the MODE/SYNC pin is
floating), forced continuous (when the MODE/SYNC pin
is set low), and Burst Mode operation (when the MODE/
SYNC pin is set high).
In pulse-skipping mode, the oscillator operates con-
tinuously and positive SW transitions are aligned to the
clock. Negative inductor current is disallowed and, dur-
ing light loads, switch pulses are skipped to regulate the
output voltage.
In forced continuous mode, the oscillator operates contin-
uously. The top switch turns on every cycle and regulation
is maintained by allowing the inductor current to reverse
at light load. This mode allows the buck to run at a fixed
frequency with minimal output ripple. In forced continu-
ous mode, if the inductor current reaches IREVMAX (into
the SW pin), the bottom switch turns off for the remainder
of the cycle to limit the current.
In Burst Mode operation at light loads, the output capaci-
tor is charged to a voltage slightly higher than its regu-
lation point. The regulator then goes into a sleep state,
during which time the output capacitor provides the
load current. In sleep, most of the regulator’s circuitry is
powered down, helping conserve input power. When the
output voltage drops below its programmed value, the
circuitry is powered on and another burst cycle begins.
The sleep time decreases as load current increases. In
Burst Mode operation, the regulator bursts at light loads,
whereas at higher loads it operates in constant frequency
PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com