Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3370
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC3302
12
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Output Short-Circuit Protection and Recovery
The peak inductor current level, at which the current com-
parator shuts off the top power switch, is controlled by the
internal VC voltage. When the output current increases,
the error amplifier raises VC until the average inductor
current matches the load current. The LTC3302 clamps
the maximum VC voltage, thereby limiting the peak induc-
tor current.
When the output is shorted to ground, the inductor cur-
rent decays very slowly when the bottom power switch
is on because the voltage across the inductor is small.
To keep the inductor current under control, a secondary
limit is imposed on the valley of the inductor current.
If the inductor current measured through the bottom
power switch remains greater than IVALLEYMAX at the end
of the cycle, the top power switch is held off. Subsequent
switching cycles are skipped until the inductor current
falls below IVALLEYMAX.
Recovery from an output short-circuit may involve a soft-
start cycle if VFB falls more than approximately 100mV
below regulation. During such a recovery, VFB quickly
charges up by that ~100mV and then follow the soft-start
ramp until regulation is reached.
Refer to the Block Diagram for reference.
FB Resistor Network (LTC3302 Adjustable Version)
The output voltage for the LTC3302 adjustable version
is programmed by a resistor divider between the out-
put and the FB pin. Choose the resistor values according
to Equation 1.
RA = RB
VOUT
500mV
– 1
⎛
⎝⎜
⎞
⎠⎟
(1)
as shown in Figure 1:
Figure 1.
COUT
CFF
RA
SW
FB
3302 F01
LTC3302
(OPTIONAL)
+
RB
VOUT
L
Feedback Resistor Network for the
LTC3302 Adjustable Version
The adjustable version can have an output voltage from
0.5V to VIN.
Reference designators refer to the Block Diagram. Typical
values for RB range from 10k to 400k. 0.1% resistors
are recommended to maintain output voltage accuracy.
The buck regulator transient response may improve with
an optional phase lead capacitor CFF that helps cancel
the pole created by the feedback resistors and the input
capacitance of the FB pin. Experimentation with capaci-
tor values between 2pF and 50pF may improve transient
response. The values used in the typical application cir-
cuits are a good starting point.
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, transient response, and input
voltage range.
The advantage of high frequency operation is that smaller
inductor and capacitor values may be used. Higher
switching frequencies allow for higher control loop
bandwidth and, therefore, faster transient response. The
disadvantages of higher switching frequencies are lower
efficiency, because of increased switching losses, and a
smaller input voltage range, because of minimum switch
on-time limitations.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com