Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3370
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 5Page - Analog Devices LTC3370 Datasheet HTML 6Page - Analog Devices LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3302
9
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
+
–
0.4V
FAULT
FAULT
+
–
0.55V
+
–
0.49V
SS
ISS
3302 BD
VIN
VIN
SW
PGND
FB OR VOUT
PGOOD
L
COUT
VOUT
CIN
VIN
CSS
SWITCH LOGIC
AND
ANTI-SHOOT
THROUGH
Q
S
R
MODE/SYNC
BURST
DETECT
+
–
OSCILLATOR
INTERNAL
REFERENCE
SLOPE
COMP
EN
R1
(OPT)
R2
(OPT)
AGND
0.55V
0.5V
0.49V
MODE
DETECT
BURST
FORCED CONTINUOUS
PULSE-SKIP
RC
CC
CPAR
GM
0.5V
VC
2, 3
4, 5
6, 7
10
9
8
1
11
12
AVIN
RA
RB
CFF
RAVIN
CAVIN
NOTES:
FOR THE LTC3302 ADJUSTABLE VERSION, PIN 10 IS FB. FB IS HIGH IMPEDANCE AND RB RESISTANCE IS INFINITE.
THE FB PIN REGULATES TO THE 500mV TARGET.
FOR THE LTC3302 FIXED OUTPUT VOLTAGE VERSIONS, PIN 10 IS VOUT. RB IS INTERNALLY SET FOR THE REGULATION
TARGET. THE VOUT PIN IS NOT HIGH IMPEDANCE AND REGULATES TO THE OUTPUT VOLTAGE TARGET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com