Electronic Components Datasheet Search
  English  ▼

X  

47L64 Datasheet(PDF) 18 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 18 Page - Microchip Technology

Back Button 47L64 Datasheet HTML 14Page - Microchip Technology 47L64 Datasheet HTML 15Page - Microchip Technology 47L64 Datasheet HTML 16Page - Microchip Technology 47L64 Datasheet HTML 17Page - Microchip Technology 47L64 Datasheet HTML 18Page - Microchip Technology 47L64 Datasheet HTML 19Page - Microchip Technology 47L64 Datasheet HTML 20Page - Microchip Technology 47L64 Datasheet HTML 21Page - Microchip Technology 47L64 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 18
47L64
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
8-Lead SOIC (3.90 mm)
Example
XXXXXXXX
XXXXYYWW
NNN
47L64
SN
1849
13F
3
e
8-Lead 2x3 TDFN
XXX
YWW
NN
EK4
849
13
Example
1st Line Marking
Part No.
SOIC
TDFN
47L64
47L64
EK4
Legend: XX...X Part number or part number code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
JEDEC® designator for Matte Tin (Sn)
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com