Electronic Components Datasheet Search
  English  ▼

X  

47L64 Datasheet(PDF) 14 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 14 Page - Microchip Technology

Back Button 47L64 Datasheet HTML 10Page - Microchip Technology 47L64 Datasheet HTML 11Page - Microchip Technology 47L64 Datasheet HTML 12Page - Microchip Technology 47L64 Datasheet HTML 13Page - Microchip Technology 47L64 Datasheet HTML 14Page - Microchip Technology 47L64 Datasheet HTML 15Page - Microchip Technology 47L64 Datasheet HTML 16Page - Microchip Technology 47L64 Datasheet HTML 17Page - Microchip Technology 47L64 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 14
47L64
4.3
SRAM ARRAY
The SRAM array is the only user-accessible memory
panel available on the 47L64. The EEPROM array,
which can only be directly accessed through test mode
operations, provides nonvolatile storage to back up
the SRAM data.
To select the SRAM array, the master device must use
the respective 4-bit op code, ‘1010’, when transmitting
the control byte.
4.3.1
WRITE OPERATION
When the SRAM array is selected and the R/W bit in
the control byte is set to ‘0’, a write operation is
selected and the next two bytes received are
interpreted as the array address. The Most Significant
address bits are transferred first, followed by the Least
Significant bits, and are shifted directly into the internal
Address Pointer. The Address Pointer determines
where in the SRAM array the next read or write
operation begins.
Data is stored into the SRAM array as soon as it is
received, specifically on the rising edge of SCL during
each Acknowledge bit. If a write operation is aborted
for any reason, all received data will already be stored
in SRAM, except for the last data byte if the rising
edge of SCL during the Acknowledge for that byte has
not yet been reached.
4.3.1.1
Byte Write
After the 47L64 has received the 2-byte array address,
responding with an Acknowledge after each address
byte, the master device will transmit the data byte to
be written into the addressed memory location. The
47L64 acknowledges again and the master generates
a Stop condition (Figure 4-4). The data byte is latched
into the SRAM array on the rising edge of SCL during
the Acknowledge.
After a byte write command, the internal Address
Pointer will point to the address location following the
location that was just written.
4.3.1.2
Sequential Write
To write multiple data bytes in a single operation, the
SRAM write control byte, array address, and the first
data byte are transmitted to the 47L64 in the same
way as for a byte write. However, instead of
generating a Stop condition, the master transmits
additional data bytes (Figure 4-5). Upon receipt of
each byte, the 47L64 responds with an Acknowledge,
during which the data is latched into the SRAM array
on the rising edge of SCL, and the Address Pointer is
incremented by one. Sequential write operations are
limited to the address 0x1FFF, and if the master
should transmit enough bytes further, the Address
Pointer will roll over to 0x0000 and continue writing.
There is no limit to the number of bytes that can be
written in a single command.
In the event that the WP pin is set high, writes to
addresses in the upper 1/4 portion of the array will not
be allowed. Attempts to write in that region will receive
an ACK response from the device for the address
bytes, but will receive a NACK for data bytes written
(see Table 4-1).
Note: If an AutoStore is triggered during an
SRAM read or write operation, the
operation is aborted in order to execute
the Store.
Note: If an attempt is made to write to a pro-
tected portion of the array, the device
will not respond with an Acknowledge
after the data byte is received, the cur-
rent operation will be terminated without
incrementing the Address Pointer, and
any data transmitted on the SDA line will
be ignored until a new operation is
begun with a Start condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com