| Electronic Components Datasheet Search |
|
47L64 Datasheet(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
47L64 Datasheet(HTML) 9 Page - Microchip Technology |
|
9 / 29 page ![]() 2019-2020 Microchip Technology Inc. Preliminary DS20006168B-page 9 47L64 FIGURE 3-3: AUTOSTORE/AUTORECALL SCENARIOS (WITH ARRAY NOT MODIFIED) 3.2.4 TRIP VOLTAGE The 47L64 has an internal voltage reference that is used to create a trip voltage threshold (VTRIP). When VCAP rises above VTRIP, a power-up event is detected. If this is the first power-up event after a POR, then an AutoRecall operation is initiated. When VCAP falls below VTRIP, a power-down event is detected and an AutoStore operation is initiated if the array has been modified. 3.2.5 POWER SWITCHOVER To support the AutoStore feature, the 47L64 must be able to charge the capacitor connected to the VCAP pin when power is available on VCC, and also automatically switch to being powered from the VCAP pin when power is removed from VCC. Since the VCAP pin is used as part of the internal power bus, this means that VCC must be disconnected when power is removed. To accomplish this, the 47L64 has an intelligent power switchover circuit that continuously monitors the voltages on both VCC and VCAP. During a power-up event, VCC is initially disconnected, allowing it to rise above VCAP. Once VCC is above VCAP, VCAP is connected to the VCC, charging the external capacitor. When VCAP reaches VTRIP, the AutoRecall operation is triggered. During a power-down event, VCC is initially connected to the internal power bus. As Vcc falls, it discharges the external cap, causing VCAP to also fall. Once VCAP falls below VTRIP, the AutoStore operation is triggered, and VCC is disconnected to prevent discharging the capacitor further through VCC. VTRIP VCAP VTRIP VCAP AutoStore AutoRecall Device Access Enabled Array Modified AutoStore AutoRecall Device Access Enabled Array Modified TRESTORE VCC CHARGE_CAP(1) VCC CHARGE_CAP(1) Note 1: When CHARGE_CAP is a ‘0’, VCC is connected to VCAP, allowing VCC to charge the external capacitor. See Section 3.2.5 “Power Switchover” for details. VPOR VPOR Note: When VCAP is below VTRIP, the 47L64 cannot be accessed and will not acknowledge any commands. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |