Electronic Components Datasheet Search
  English  ▼

X  

47L64 Datasheet(PDF) 23 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 23 Page - Microchip Technology

Back Button 47L64 Datasheet HTML 19Page - Microchip Technology 47L64 Datasheet HTML 20Page - Microchip Technology 47L64 Datasheet HTML 21Page - Microchip Technology 47L64 Datasheet HTML 22Page - Microchip Technology 47L64 Datasheet HTML 23Page - Microchip Technology 47L64 Datasheet HTML 24Page - Microchip Technology 47L64 Datasheet HTML 25Page - Microchip Technology 47L64 Datasheet HTML 26Page - Microchip Technology 47L64 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 23
47L64
Microchip Technology Drawing No. C04-129-MN Rev E Sheet 2 of 2
8-Lead Plastic Dual Flat, No Lead Package (MN) – 2x3x0.8 mm Body [TDFN]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
NOM
MILLIMETERS
0.50 BSC
2.00 BSC
3.00 BSC
0.20 REF
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Contact-to-Exposed Pad
Contact Thickness
Exposed Pad Width
Exposed Pad Length
4. Dimensioning and tolerancing per ASME Y14.5M
3. Package is saw singulated
2. Package may have one or more exposed tie bars at ends.
Notes:
Contact Width
Overall Width
Overall Length
Contact Length
Standoff
Number of Pins
Overall Height
Pitch
K
0.20
Units
N
e
A
Dimension Limits
D
A3
A1
b
D2
E2
E
L
0.20
1.35
1.25
0.25
0.00
0.70
MIN
-
-
0.25
0.30
1.30
1.40
1.35
0.30
0.45
1.45
8
0.75
0.02
0.05
0.80
MAX
With 1.4x1.3 mm Exposed Pad (JEDEC Package type WDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com