Electronic Components Datasheet Search
  English  ▼

X  

47L64 Datasheet(PDF) 11 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 47L64 Datasheet HTML 7Page - Microchip Technology 47L64 Datasheet HTML 8Page - Microchip Technology 47L64 Datasheet HTML 9Page - Microchip Technology 47L64 Datasheet HTML 10Page - Microchip Technology 47L64 Datasheet HTML 11Page - Microchip Technology 47L64 Datasheet HTML 12Page - Microchip Technology 47L64 Datasheet HTML 13Page - Microchip Technology 47L64 Datasheet HTML 14Page - Microchip Technology 47L64 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 11
47L64
4.0
FUNCTIONAL DESCRIPTION
4.0.1
PRINCIPLES OF OPERATION
The 47L64 is a 64-Kbit serial EERAM designed to
support a bidirectional two-wire bus and data
transmission protocol (I2C). A device that sends data
onto the bus is defined as transmitter, and a device
receiving data as receiver. The bus has to be
controlled by a master device which generates the
Start and Stop conditions, while the 47L64 works as
slave. Both master and slave can operate as
transmitter or receiver but the master device
determines which mode is active.
4.1
BUS CHARACTERISTICS
4.1.1
SERIAL INTERFACE
The following
bus protocol has been defined:
• Data transfer may be initiated only when the bus
is not busy.
• During data transfer, the data line must remain
stable whenever the clock line is high. Changes in
the data line while the clock line is high will be
interpreted as a Start or Stop condition.
Accordingly, the following bus conditions have been
defined (Figure 4-1).
4.1.1.1
Bus Not Busy (A)
Both data and clock lines remain high.
4.1.1.2
Start Data Transfer (B)
A high-to-low transition of the SDA line while the clock
(SCL) is high determines a Start condition. All com-
mands must be preceded by a Start condition.
4.1.1.3
Stop Data Transfer (C)
A low-to-high transition of the SDA line while the clock
(SCL) is high determines a Stop condition. All opera-
tions must end with a Stop condition.
4.1.1.4
Data Valid (D)
The state of the data line represents valid data when,
after a Start condition, the data line is stable for the
duration of the high period of the clock signal.
The data on the line must be changed during the low
period of the clock signal. There is one bit of data per
clock pulse.
Each data transfer is initiated with a Start condition and
terminated with a Stop condition. The number of the
data bytes transferred between the Start and Stop
conditions is determined by the master device.
4.1.1.5
Acknowledge
Each receiving device, when addressed, is obliged to
generate an Acknowledge signal after the reception of
each byte. The master device must generate an extra
clock pulse which is associated with this Acknowledge
bit.
A device that acknowledges must pull down the SDA
line during the Acknowledge clock pulse in such a way
that the SDA line is stable low during the high period of
the Acknowledge related clock pulse. Of course, setup
and hold times must be taken into account. During
reads, a master must signal an end of data to the slave
by NOT generating an Acknowledge bit on the last byte
that has been clocked out of the slave. In this case, the
slave (47L64) will leave the data line high to enable the
master to generate the Stop condition.
The 47L64 will generate an Acknowledge bit on
receiving a correct control byte and following address
and data bytes. Table 4-1 summarizes these situations.
The device will not generate Acknowledge bits for any
bytes following if the control byte is incorrect, such as
when the address bits do not match the A1, A2 pins,
see
Section 4.2 “Device Addressing”.
FIGURE 4-1:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
ADDRESS OR
ACKNOWLEDGE
VALID
DATA
ALLOWED
TO CHANGE
STOP
CONDITION
START
CONDITION
SCL
SDA
(A)
(B)
(D)
(D)
(C) (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com