Electronic Components Datasheet Search
  English  ▼

X  

47L64 Datasheet(PDF) 16 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 16 Page - Microchip Technology

Back Button 47L64 Datasheet HTML 12Page - Microchip Technology 47L64 Datasheet HTML 13Page - Microchip Technology 47L64 Datasheet HTML 14Page - Microchip Technology 47L64 Datasheet HTML 15Page - Microchip Technology 47L64 Datasheet HTML 16Page - Microchip Technology 47L64 Datasheet HTML 17Page - Microchip Technology 47L64 Datasheet HTML 18Page - Microchip Technology 47L64 Datasheet HTML 19Page - Microchip Technology 47L64 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 16
47L64
4.3.2
READ OPERATION
When the SRAM array is selected and the R/W bit is
set to ‘1’, a read operation is selected. For read
operations, the array address is not transmitted,
instead, the internal Address Pointer is used to
determine where the read starts.
During read operations, the master device generates
the Acknowledge bit after each data byte, and it is this
bit which determines whether the operation will
continue or end. A ‘0’ (Acknowledge) bit requests
more data and continues the read, while a ‘1’ (No
Acknowledge) bit ends the read operation.
4.3.2.1
Current Address Read
The current address read operation relies on the
current value of the Address Pointer to determine from
where to start reading. The Address Pointer is
automatically incremented after each data byte is read
or written. Therefore, if the previous access was to
address n (where n is any legal address), the next
current address read operation would access data
beginning with address n+1.
Upon receipt of the control byte with the R/W bit set to
‘1’, the 47L64 issues an Acknowledge and transmits
the 8-bit data byte. The master will not acknowledge
the transfer, but does generate a Stop condition and
the 47L64 discontinues transmission (Figure 4-6).
FIGURE 4-6:
SRAM CURRENT
ADDRESS READ
4.3.2.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the Address Pointer
must be set. This is done by sending the array address
to the 47L64 as part of a write operation (R/W bit set
to ‘0’). After the array address is sent, the master
generates
a
Start
condition
following
the
Acknowledge. This terminates the write operation, but
not before the Address Pointer has been set. Then,
the master issues the SRAM control byte again but
with the R/W bit set to a ‘1’. The 47L64 will then issue
an Acknowledge and transmit the 8-bit data byte. The
master will not Acknowledge the transfer but does
generate a Stop condition, which causes the 47L64 to
discontinue transmission (Figure 4-7). After a random
read operation, the Address Pointer will point to the
address location following the one that was just read.
4.3.2.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 47L64 transmits the
first data byte, the master issues an Acknowledge as
opposed to the Stop condition used in a random read.
The Acknowledge directs the 47L64 to transmit the
next sequentially addressed 8-bit byte (Figure 4-8).
Following the final byte transmitted to the master, the
master will NOT generate an Acknowledge but will
generate a Stop condition. To provide sequential
reads, the 47L64 increments the internal Address
Pointer by one after the transfer of each data byte.
This allows the entire memory contents to be serially
read during one operation. The Address Pointer will
automatically roll over at the end of the array to
address 0x0000 after the last data byte in the array
has been transferred.
FIGURE 4-7:
SRAM RANDOM READ
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
P
S
S
T
O
P
CONTROL
BYTE
S
T
A
R
T
DATA
A
C
K
N
O
A
C
K
1 1
0 0 A A 1
BYTE
2 1 1
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
A
C
K
N
O
A
C
K
A
C
K
A
C
K
A
C
K
S
T
O
P
S
T
A
R
T
CONTROL
BYTE
ADDRESS
HIGH BYTE
ADDRESS
LOW BYTE
CONTROL
BYTE
DATA
BYTE
S
T
A
R
T
S 1 0 1 0 A A 0
2 1
S 1 0 1 0 A A 1
2 1
P
1
X X X
1
X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com