Electronic Components Datasheet Search
  English  ▼

X  

47L64 Datasheet(PDF) 24 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 24 Page - Microchip Technology

Back Button 47L64 Datasheet HTML 20Page - Microchip Technology 47L64 Datasheet HTML 21Page - Microchip Technology 47L64 Datasheet HTML 22Page - Microchip Technology 47L64 Datasheet HTML 23Page - Microchip Technology 47L64 Datasheet HTML 24Page - Microchip Technology 47L64 Datasheet HTML 25Page - Microchip Technology 47L64 Datasheet HTML 26Page - Microchip Technology 47L64 Datasheet HTML 27Page - Microchip Technology 47L64 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 24
47L64
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Optional Center Pad Length
Contact Pitch
Y2
X2
1.50
1.60
MILLIMETERS
0.50 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
0.85
0.25
Microchip Technology Drawing No. C04-129-MN Rev. B
NOM
8-Lead Plastic Dual Flat, No Lead Package (MN) – 2x3x0.8 mm Body [TDFN]
12
8
C
Contact Pad Spacing
2.90
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C
E
X1
Y1
Y2
X2
EV
EV
ØV
SILK SCREEN
With 1.4x1.3 mm Exposed Pad (JEDEC Package type WDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com