Electronic Components Datasheet Search
  English  ▼

X  

AD9879 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9879
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9879 Datasheet HTML 9Page - Analog Devices AD9879 Datasheet HTML 10Page - Analog Devices AD9879 Datasheet HTML 11Page - Analog Devices AD9879 Datasheet HTML 12Page - Analog Devices AD9879 Datasheet HTML 13Page - Analog Devices AD9879 Datasheet HTML 14Page - Analog Devices AD9879 Datasheet HTML 15Page - Analog Devices AD9879 Datasheet HTML 16Page - Analog Devices AD9879 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. 0
AD9879
–13–
INTERPOLATION FILTER
Once through the Data Assembler, the IQ data streams are fed
through a 4
FIR low-pass filter and a 4
Cascaded Integrator-
Comb (CIC) low-pass filter. The combination of these two filters
results in the sample rate increasing by a factor of 16. In addi-
tion to the sample rate increase, the half-band filters provide the
low-pass filtering characteristic necessary to suppress the spectral
images between the original sampling frequency and the new
(16
higher) sampling frequency.
DIGITAL UPCONVERTER
The digital quadrature modulator stage following the CIC filters
is used to frequency shift (upconvert) the baseband spectrum of
the incoming data stream up to the desired carrier frequency. The
carrier frequency is controlled numerically by a Direct Digital
Synthesizer (DDS). The DDS uses the internal system clock
(fSYSCLK) to generate the desired carrier frequency with a high
degree of precision. The carrier is applied to the I and Q multi-
pliers in quadrature fashion (90
∞ phase offset) and summed to
yield a data stream that is the modulated carrier. The modulated
carrier becomes the 12-bit sample sent to the DAC.
The receive path contains a 12-bit ADC, a 10-bit ADC, and a dual
7-bit ADC. All internally required clocks and an output system
clock are generated by the PLL from a single crystal or clock input.
The 12-bit and 10-bit IF ADCs can convert direct IF inputs up
to 70 MHz and run at sample rates up to 33 MSPS. A video
input with an adjustable signal clamping level along with the
10-bit ADC allow the AD9879 to process an NTSC and a
QAM channel simultaneously.
The programmable sigma-delta DAC can be used to control
external components, such as variable gain amplifiers (VGAs) or
voltage controlled tuners. The CAPORT provides an interface
to the AD8321/AD8323 or AD8322/AD8327 programmable
gain amplifier (PGA) cable drivers enabling host processor
control via the MxFE SPORT.
OSCIN Clock Multiplier
The AD9879 can accept either an input clock into the OSCIN
Pin or a fundamental mode XTAL across the OSCIN Pin and
XTAL Pins as the devices main clock source. The internal PLL
then generates the fSYSCLK signal from which all other internal
signals are derived.
The DAC uses fSYSCLK as its sampling clock. For DDS applications,
the carrier is typically limited to about 30% of fSYSCLK. For a
65 MHz carrier, the system clock required is above 216 MHz.
The OSCIN multiplier function maintains clock integrity as
evidenced by the AD9879’s systems excellent phase noise char-
acteristics and low clock-related spur in the output spectrum.
External loop filter components consisting of a series resistor
(1.3 k
W) and capacitor (0.01 mF) provide the compensation zero
for the OSCIN multiplier PLL loop. The overall loop perfor-
mance has been optimized for these component values.
DPLL-A CLOCK DISTRIBUTION
Figure 1 shows the clock signals used in the transmit path. The
DAC sampling clock, fDAC, is generated by DPLL-A. FDAC has
a frequency equal to the L
¥ fOSCIN, where fOSCIN is the internal
signal generated either by the crystal oscillator when a crystal is
connected between the OSCIN and XTAL pins, or by the clock
that is fed into the OSCIN pin, and L is the multiplier programmed
through the serial port. L can have the values of 1, 2, 3, or 8.
The transmit path expects a new half word of data at the rate of
fCLK-A. When the Tx multiplexer is enabled, the frequency of Tx
Port is:
ff
K
L
f
K
CLK
A
DAC
OSCIN
-
=¥
=¥ ¥
22
where K is the interpolation factor.
The interpolation factor can be programmed to be 1, 2, or 4. When
the Tx multiplexer is disabled, the frequency of the Tx Port is:
ff
K
L
f
K
CLK
A
DAC
OSCIN
-
== ¥
Receive Section
The AD9879 includes two high speed, high performance ADCs.
The 10-bit and 12-bit direct IF ADC’s deliver excellent
undersampling performance with input frequencies as high as
70 MHz. The sampling rate can be as high as 33 MSPS.
The ADC sampling frequency can be derived directly from the
OSCIN signal or from the on-chip OSCIN multiplier. For highest
dynamic performance, it is recommended to choose an OSCIN
frequency that can directly be used as the ADC sampling clock.
Digital IQ ADC outputs are multiplexed to one 4-bit bus, clocked
by a frequency (fMCLK) of four times the sampling rate. The IF
ADCs use a multiplexed 12-bit interface with an output word
rate of fMCLK.
CLOCK AND OSCILLATOR CIRCUITRY
The AD9879’s internal oscillator generates all sampling clocks
from a simple, low cost, parallel resonance, fundamental fre-
quency quartz crystal. Figure 2 shows how the quartz crystal is
connected between OSCIN (Pin 61) and XTAL (Pin 60) with
parallel resonant load capacitors as specified by the crystal
manufacturer. The internal oscillator circuitry can also be
overdriven by a TTL-level clock applied to OSCIN with XTAL
left unconnected.
ff
M
OSCIN
MCLK
=¥
An internal phase-locked loop (PLL) generates the DAC sampling
frequency, fSYSCLK, by multiplying OSCIN frequency M times.
The MCLK signal (Pin 23), fMCLK, is derived by dividing
fSYSCLK by 4.
ff
M
SYSCLK
OSCIN
=¥
ff
M
MCLK
OSCIN
=¥
4
An external PLL loop filter (Pin 57) consisting of a series resistor
and ceramic capacitor (Figure 15, R1 = 1.3 k
W, C12 = 0.01 F) is
required for stability of the PLL. Also, a shield surrounding these
components is recommended to minimize external noise coupling
into the PLL’s voltage controlled oscillator input (guard trace
connected to AVDDPLL).
Figure 1 shows that ADCs are either sampled directly by a low
jitter clock at OSCIN or by a clock that is derived from the PLL
output. Operating modes can be selected in Register 8. Sampling
the ADCs directly with the OSCIN clock requires MCLK to be
programmed to be twice the OSCIN frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com