Electronic Components Datasheet Search
  English  ▼

X  

AD9879 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9879
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9879 Datasheet HTML 15Page - Analog Devices AD9879 Datasheet HTML 16Page - Analog Devices AD9879 Datasheet HTML 17Page - Analog Devices AD9879 Datasheet HTML 18Page - Analog Devices AD9879 Datasheet HTML 19Page - Analog Devices AD9879 Datasheet HTML 20Page - Analog Devices AD9879 Datasheet HTML 21Page - Analog Devices AD9879 Datasheet HTML 22Page - Analog Devices AD9879 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. 0
AD9879
–19–
Tx Signal Level Considerations
The quadrature modulator itself introduces a maximum gain of
3 dB in signal level. To visualize this, assume that both the I data
and Q data are fixed at the maximum possible digital value, x.
Then the output of the modulator, z is:
zx cos
t
x sin
t
=
()
()
[]
ωω
–
I
O
X
Z
X
Figure 14. 16-Quadrature Modulation
It can be shown that |z| assumes a maximum value of |z| =
(x
2 + x2) =
√2 (a gain of +3 dB). However, if the same number
of bits were used to represent the |z|values, as is used to repre-
sent the x values, an overflow would occur. To prevent this
possibility, an effective –3 dB attenuation is internally imple-
mented on the I and Q data path:
||
/
/
zx
=+
() =
12
12
3
LOW-PASS
FILTER
Tx
AD832x
DAC
AD9879
CA
75
VARIABLE GAIN
CABLE DRIVER
AMPLIFIER
CA_DATA
CA_CLK
CA_EN
Figure 15. 16-Quadrature Modulation
The following example assumes an PK/rms level of 10 dB:
Maximum Symbol Component Input Value
LSBs
dB
LSBs
=
±−
() =±
2047
0 2
2000
.
Maximum Complex Input RMS Value
LSBs
dB
Pk rms dB
LSBs rms
=
±−
() =
2000
6
1265
The maximum complex input rms value calculation uses both
I and Q symbol components that add a factor of 2 (= 6 dB) to the
formula. Table VII shows typical I-Q input test signals with ampli-
tude levels related to 12-bit full scale (FS).
Tx Throughput and Latency
Data inputs effect the output fairly quickly but remain effective
due to AD9879’s filter characteristics. Data transmit latency
through the AD9879 is easiest to describe in terms of fSYSCLK
clock cycles (4 fMCLK). The numbers quoted are when an effect
is first seen after an input value change.
Latency of I/Q data entering the data assembler (AD9879 input)
to the DAC output is 119 fSYSCLK clock cycles (29.75 fMCLK
cycles). DC values applied to the data assembler input will take
up to 176 fSYSCLK clock cycles (44 fMCLK cycles) to propagate
and settle at the DAC output.
Frequency hopping is accomplished via changing the PROFILE
input pin. The time required to switch from one frequency to
another is less than 232 fSYSCLK cycles (58.5 fMCLK cycles).
D/A Converter
A 12-bit digital-to-analog converter (DAC) is used to convert
the digitally processed waveform into an analog signal. The
worst-case spurious signals due to the DAC are the harmonics
of the fundamental signal and their aliases (please see the
Analog Devices DDS Tutorial at: www.analog.com/dds). The
conversion process will produce aliased components of the fun-
damental signal at n
fSYSCLK
± f
CARRIER (n = 1, 2, 3). These
are typically filtered with an external RLC filter at the DAC
output. It is important for this analog filter to have a sufficiently
flat gain and linear phase response across the bandwidth of
interest so as to avoid modulation impairments. A relatively
inexpensive seventh order elliptical low-pass filter is sufficient to
suppress the aliased components for HFC network applications.
The AD9879 provides true and complement current outputs.
The full-scale output current is set by the RSET resistor at Pin 49
and the DAC Gain register. Assuming maximum DAC gain, the
value of RSET for a particular full-scale IOUT is determined using
the following equation:
RV
I
I
SET
DACRSET
OUT
OUT
==
32
39 4
.
For example, if a full-scale output current of 20 mA is desired,
then RSET = (39.4/0.02)
Ω, or approximately 2 kΩ.
The following equation calculates the full-scale output current
including the programmable DAC gain control.
IR
NGAIN
OUT
SET
=×
+
∧
[. /
]
((– .
.
) /
)
39 4
10
7 5
0 5
20
where NGAIN is the value of DAC Fine Gain Control[3:0].
Table VII. I–Q Input Test Signals
Analog Output
Digital Input
Input Level
Modulator Output Level
Single Tone (fC – f)
I = cos(f)
FS – 0.2 dB
FS – 3.0 dB
Q = cos(f + 90 ) = –sin(f)
FS – 0.2 dB
Single Tone (fC + f)
I = cos(f)
FS – 0.2 dB
FS – 3.0 dB
Q = cos(f + 270 ) = +sin(f)
FS – 0.2 dB
Dual Tone (fC
f)
I = cos(f)
FS – 0.2 dB
FS
Q = cos(f + 180 ) = –cos(f) or Q = +cos(f)
FS – 0.2 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com