Electronic Components Datasheet Search
  English  ▼

X  

AD9879 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9879
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9879 Datasheet HTML 13Page - Analog Devices AD9879 Datasheet HTML 14Page - Analog Devices AD9879 Datasheet HTML 15Page - Analog Devices AD9879 Datasheet HTML 16Page - Analog Devices AD9879 Datasheet HTML 17Page - Analog Devices AD9879 Datasheet HTML 18Page - Analog Devices AD9879 Datasheet HTML 19Page - Analog Devices AD9879 Datasheet HTML 20Page - Analog Devices AD9879 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. 0
AD9879
–17–
Serial Interface Port Pin Description
SCLK—Serial Clock. The serial clock pin is used to synchronize
data transfers from the AD9879 and to run the serial port state
machine. The maximum SCLK frequency is 15 MHz. Input
data to the AD9879 is sampled on the rising edge of SCLK.
Output data changes on the falling edge of SCLK.
CS—Chip Select. Active low input starts and gates a communi-
cation cycle. It allows multiple devices to share a common serial
port bus. The SDO and SDIO pins go to a high impedance
state when
CS is high. Chip select should stay low during the
entire communication cycle.
SDIO—Serial Data I/O. Data is always written into the AD9879
on this pin. However, this pin can be used as a bidirectional
data line. The configuration of this pin is controlled by Bit 7 of
Register 0. The default is Logic 0, which configures the SDIO
pin as unidirectional.
SDO—Serial Data Out. Data is read from this pin for protocols
that use separate lines for transmitting and receiving data. In the
case where the AD9879 operates in a single bidirectional I/O
mode, this pin does not output data and is set to a high imped-
ance state.
MSB/LSB Transfers
The AD9879 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by the LSB First Bit in Register 0.
The default is MSB first.
When this bit is set active high, the AD9879 serial port is in
LSB first format. In LSB first mode, the instruction byte and
data bytes must be written from the least significant bit to the
most significant bit. In LSB first mode, the serial port internal
byte address generator increments for each byte of the multibyte
communication cycle.
When this bit is set default low, the AD9879 serial port is in
MSB first format. In MSB first mode, the instruction byte and
data bytes must be written from the most significant bit to the
least significant bit. In MSB first mode, the serial port internal byte
address generator decrements for each byte of the multibyte
communication cycle.
When incrementing from 0x1F, the address generator changes
to 0x00. When decrementing from 0x00, the address generator
changes to 0x1F.
Notes on Serial Port Operation
The AD9879 serial port configuration bits reside in Bits 6 and 7
of Register Address 00h. It is important to note that the con-
figuration changes immediately upon writing to the last bit of
the register. For multibyte transfers, writing to this register may
occur during the middle of the communication cycle. Care must
be taken to compensate for this new configuration for the
remaining bytes of the current communication cycle.
The same considerations apply to setting the reset bit in Register
Address 00h. All other registers are set to their default values, but
the software reset does not affect the bits in Register Address 00h.
It is recommended to use only single byte transfers when chang-
ing serial port configurations or initiating a software reset.
A write to Bits 1, 2, and 3 of Address 00h with the same logic
levels as Bits 7, 6, and 5 (bit pattern: XY1001YX binary) allows
the user to reprogram a lost serial port configuration and to
reset the registers to their default values. A second write to
Address 00h with the RESET bit low and the serial port
configuration as specified above (XY) reprograms the OSCIN
multiplier setting. A changed fSYSCLK frequency is stable after a
maximum of tbd fMCLK cycles (wake-up time).
CS
SCLK
SDIO
SDO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
R/W
N1
N0
A4
A3
A2
A1
A0
D7n D6n
D20 D10 D00
D7n D6n
D20 D10 D00
Figure 8a. Serial Register Interface Timing MSB First
CS
SCLK
SDIO
SDO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
A0
A1
A2
A3
A4
N0
N1 R/W
D6n D7n
D00 D10 D20
D6n D7n
D00 D10 D20
Figure 8b. Serial Register Interface Timing LSB First
CS
SCLK
SDIO
INSTRUCTION BIT 7
INSTRUCTION BIT 6
tSCLK
tDS
tPWL
tPWH
tDS
tDH
Figure 9. Timing Diagram for Register Write to AD9879
CS
SCLK
SDIO
DATA BIT N
tDV
DATA BIT N
SDO
Figure 10. Timing Diagram for Register Read
TRANSMIT PATH (Tx)
Transmit Timing
The AD9879 provides a master clock MCLK and expects 6-bit
multiplexed TxIQ data on each rising edge. Transmit symbols
are framed with the TxSYNC input. TxSYNC high indicates
the start of a transmit symbol. Four consecutive 6-bit data pack-
ages form a symbol (I MSB, I LSB, Q MSB, and Q LSB).
Data Assembler
The input data stream is representative complex data. Two 6-bit
words form a 12-bit symbol component (in twos complement
format). Four input samples are required to produce one I/Q
data pair. The I/Q sample rate fIQCLK at the input to the first
half-band filter is a quarter of the input data rate fMCLK. The I/Q
sample rate fIQCLK puts a bandwidth limit on the maximum
transmit spectrum. This is the familiar Nyquist limit and is
equal to one-half fIQCLK that hereafter will be referred to as fNYQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com