Electronic Components Datasheet Search
  English  ▼

X  

AD9879 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9879
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9879 Datasheet HTML 12Page - Analog Devices AD9879 Datasheet HTML 13Page - Analog Devices AD9879 Datasheet HTML 14Page - Analog Devices AD9879 Datasheet HTML 15Page - Analog Devices AD9879 Datasheet HTML 16Page - Analog Devices AD9879 Datasheet HTML 17Page - Analog Devices AD9879 Datasheet HTML 18Page - Analog Devices AD9879 Datasheet HTML 19Page - Analog Devices AD9879 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. 0
–16–
AD9879
SIGMA-DELTA OUTPUTS
The AD9879 contains an on-chip sigma-delta output that pro-
vides a digital logic bit stream with an average duty cycle that
varies between 0% and (4095/4096)%, depending on the pro-
grammed code, as shown in Figure 5.
000h
001h
002h
800h
FFFh
8
tMCLK
4096
8
tMCLK
4096
8
tMCLK
8
tMCLK
Figure 5. Sigma-Delta Output Signals
This bit stream can be low-pass filtered to generate a program-
mable dc voltage of:
VDC = (Sigma-Delta Code/4096)(VH) + VL
where:
VH = VDRVDD – 0.6 V
VL = 0.4 V
In cable modem set-top box applications, the output can be
used to control external variable gain amplifiers or RF tuners. A
simple single-pole RC low-pass filter provides sufficient filtering
(see Figure 6).
AD9879
MCLK
DAC
12
CONTROL
WORD
8
-
R
C
DC(VL TO VH)
TYPICAL: R = 50k
C = 0.1 F
f–3dB = 1/(2 RC) = 318Hz
Figure 6. Sigma-Delta RC Filter
In more demanding applications where additional gain, level
shift, or drive capability is required, a first or second order active
filter might be considered for each sigma-delta output (see Figure 7).
AD9879
SIGMA-DELTA
R
C
VSD
R
VOUT
R
R1
VOFFSET
VOUT = (VSD + VOFFSET) (1 + R/R1)/2
TYPICAL: R = 50k
C = 0.1 F
f–3dB = 1/(2 RC) = 318Hz
C
OP250
-
Figure 7. Sigma-Delta Active Filter with Gain and Offset
SERIAL INTERFACE FOR REGISTER CONTROL
The AD9879 serial port is a flexible, synchronous serial commu-
nications port that allows easy interface to many industry-standard
microcontrollers and microprocessors. The interface allows
read/write access to all registers that configure the AD9879.
Single or multiple byte transfers are supported. Also, the interface
can be programmed to read words either MSB first or LSB first.
The AD9879’s serial interface port I/O can be configured to
have one bidirectional I/O (SDIO) pin or two unidirectional I/O
(SDIO/SDO) pins.
General Operation of the Serial Interface
There are two phases to a communication cycle with the AD9879.
Phase 1 is the instruction cycle, which is the writing of an
instruction byte into the AD9879, coincident with the first eight
SCLK rising edges. The instruction byte provides the AD9879
serial port controller with information regarding the data trans-
fer cycle, which is Phase 2 of the communication cycle. The
Phase 1 instruction byte defines whether the upcoming data
transfer is read or write, the number of bytes in the data transfer,
and the starting register address for the first byte of the data
transfer. The first eight SCLK rising edges of each communication
cycle are used to write the instruction byte into the AD9879.
The eight remaining SCLK edges are for Phase 2 of the communi-
cation cycle. Phase 2 is the actual data transfer between the
AD9879 and the system controller. Phase 2 of the communication
cycle is a transfer of 1 to 4 data bytes as determined by the
instruction byte. Normally, using one multibyte transfer is the
preferred method. However, single byte data transfers are useful
to reduce CPU overhead when register access requires one byte
only. Registers change immediately upon writing to the last bit
of each transfer byte.
Instruction Byte
The instruction byte contains the following information as
shown below:
MSB
LSB
17
16
15
14
13
12
11
10
R/W N1
N0
A4
A3
A2
A1
A0
The R/W bit of the instruction byte determines whether a read
or a write data transfer will occur after the instruction byte
write. Logic high indicates a read operation. Logic zero indi-
cates a write operation. The N1:N0 bits determine the number
of bytes to be transferred during the data transfer cycle. The bit
decodes are shown in Table VI.
Table VI.
N1
N0
Description
00
Transfer 1 Byte
01
Transfer 2 Bytes
10
Transfer 3 Bytes
11
Transfer 4 Bytes
The Bits A4:A0 determine which register is accessed during the
data transfer portion of the communications cycle. For multibyte
transfers, this address is the starting byte address. The remaining
register addresses are generated by the AD9879.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com