Electronic Components Datasheet Search
  English  ▼

X  

AD9879 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9879
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9879 Datasheet HTML 16Page - Analog Devices AD9879 Datasheet HTML 17Page - Analog Devices AD9879 Datasheet HTML 18Page - Analog Devices AD9879 Datasheet HTML 19Page - Analog Devices AD9879 Datasheet HTML 20Page - Analog Devices AD9879 Datasheet HTML 21Page - Analog Devices AD9879 Datasheet HTML 22Page - Analog Devices AD9879 Datasheet HTML 23Page - Analog Devices AD9879 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. 0
AD9879
–21–
RECEIVE PATH (Rx)
IF10 and IF12 ADC Operation
The IF10 and IF12 ADCs have a common architecture and
share many of the same characteristics from an applications
standpoint. Most of the information in the section below will be
applicable to both IF ADCs. Differences, where they exist, will
be highlighted.
Input Signal Range and Digital Output Codes
The IF ADCs have differential analog inputs labelled IF+ and
IF–. The signal input, VAIN, is the voltage difference between
the two input pins, VAIN = VIF+ – VIF–. The full-scale input
voltage range is determined by the internal reference voltages,
REFT and REFB, which define the top and bottom of the scale.
The peak input voltage to the ADC is the difference between
REFT and REFB which is 1 VPD. This results in the ADC full-
scale input voltage range of 2 VPPD. The digital output code is
straight binary and is illustrated in Table VIII.
Table VIII.
IF[11:0]
Input Signal Voltage
111...111
VAIN >= +1.0 V
111...111
VAIN = +1.0 – (1 LSB) V
111...110
VAIN = +1.0 – (2 LSB) V
...
100...001
VAIN = +1 LSB V
100...000
VAIN = 0.0 V
011...111
VAIN = –1 LSB V
...
000...001
VAIN = –1.0 + (2 LSB) V
000...000
VAIN = –1.0 V
000...000
VAIN < –1.0 V
The IF10 ADC digital output code occupies the 10 most signifi-
cant bits of the Rx digital output port (IF[11:2]). The output
codes clamp to the top or the bottom of the scale when the inputs
are overdriven.
Driving the Input
The IF ADCs have differential switched capacitor sample-and-
hold amplifier (SHA) inputs. The nominal differential input
impedance is 4.0 k
Ω||3 pF. This impedance can be used as the
effective termination impedance when calculating filter transfer
characteristics and voltage signal attenuation from non-zero
source impedances. It should be noted however that for best
performance additional requirements must be met by the signal
source. The SHA has input capacitors that must be recharged
each time the input is sampled. This results in a dynamic input
current at the device input. This demands that the source has
low (<50 V) output impedance at frequencies up to the ADC
sampling frequency. Also, the source must have settling to better
than 0.1% in <1/2 ADC CLK period.
Another consideration for getting the best performance from the
ADC inputs is the dc biasing of the input signal. Ideally, the
signal should be biased to a dc level equal to the midpoint of the
ADC reference voltages, REFT12 and REFB12. Nominally, this
level will be 1.2 V. When ac-coupled, the ADC inputs will self-
bias to this voltage and requires no additional input circuitry.
Figure 20 illustrates a recommended circuit that eases the burden
on the signal source by isolating its output from the ADC input.
The 33
Ω series termination resistors isolate the amplifier outputs
from any capacitive load, which typically improves settling time.
The series capacitors provide ac signal coupling which ensures
that the ADC inputs operate at the optimal dc bias voltage. The
shunt capacitor sources the dynamic currents required to charge
the SHA input capacitors, removing this requirement from the
ADC buffer. The values of CC and CS should be calculated to
get the correct HPF and LPF corner frequencies.
tEE
tMD
tOD
MCLK
RxSYNC
RxIQ
DATA
I[7:4]
I[3:0]
I[7:4]
I[3:0]
Q[7:4]
Q[3:0]
IF10
IF12
IF10
IF12
IF10
IF12
REFCLK
IF DATA
M = 8
Figure 18. Rx Port Timing
(Default Mode: Multiplexed IF ADC Data)
tEE
tMD
tOD
MCLK
RxSYNC
RxIQ
DATA
I[7:4]
I[3:0]
I[7:4]
I[3:0]
Q[7:4]
Q[3:0]
IF10 OR IF12
REFCLK
IF DATA
IF10 OR IF12
IF10 OR IF12
M = 8
Figure 19. Rx Port Timing (Nonmultiplexed Data)
AINP
AINN
33
CS
VS
CC
CC
33
Figure 20. Simple ADC Drive Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com