Electronic Components Datasheet Search
  English  ▼

X  

ADAF1080 Datasheet(PDF) 34 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 28Page - Analog Devices ADAF1080 Datasheet HTML 29Page - Analog Devices ADAF1080 Datasheet HTML 30Page - Analog Devices ADAF1080 Datasheet HTML 31Page - Analog Devices ADAF1080 Datasheet HTML 32Page - Analog Devices ADAF1080 Datasheet HTML 33Page - Analog Devices ADAF1080 Datasheet HTML 34Page - Analog Devices ADAF1080 Datasheet HTML 35Page - Analog Devices ADAF1080 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Data Sheet
ADAF1080
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
analog.com
Rev. 0 | 34 of 36
Any current carrying traces near the ADAF1080 produce a magnet-
ic field. To minimize the impact of these stray fields of measure-
ment, Analog Devices, Inc., recommends the following:
1. Keep any current carrying traces as far from the ADAF1080 as
possible.
2. Route any current carrying traces to the ADAF1080 on the
same layer as the ADAF1080. To a first order, the resultant
magnetic field is perpendicular to the ADAF1080 (through the
top of the package), as shown in Figure 60.
Figure 60. Current Carrying Traces on PCB Routed on the Same Layer
as the ADAF1080
3. Keep any current carrying vias as far from the ADAF1080 as
possible. The field generated from current carrying vias can
result in a magnetic field vector in the same plane as the
ADAF1080, which can be detected by the AMR sensor and
impact the accuracy of the sense field measurement, as shown
in Figure 61.
Figure 61. Current Carrying Vias Placed as Far Away from the ADAF1080
as Possible
4. Avoid magnetic materials near the ADAF1080 because these
materials distort the magnetic fields near the device and can
introduce a magnetic offset. Use nylon or plastic materials for
mounting structures, screws, and supports.
RECOMMENDED PCB LAYOUT
Figure 62 and Figure 63 show the recommended layouts for a
single sensor for either a 2-layer PCB implementation or for a
3-layer or more PCB implementation.
Figure 62. Recommended Layout for 2-Layer PCB
Figure 63. Recommended Layout for a 3-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com