Electronic Components Datasheet Search
  English  ▼

X  

ADAF1080 Datasheet(PDF) 17 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 13Page - Analog Devices ADAF1080 Datasheet HTML 14Page - Analog Devices ADAF1080 Datasheet HTML 15Page - Analog Devices ADAF1080 Datasheet HTML 16Page - Analog Devices ADAF1080 Datasheet HTML 17Page - Analog Devices ADAF1080 Datasheet HTML 18Page - Analog Devices ADAF1080 Datasheet HTML 19Page - Analog Devices ADAF1080 Datasheet HTML 20Page - Analog Devices ADAF1080 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
ADAF1080
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 17 of 36
Figure 35. Output Voltage Noise vs. Frequency, Chopping Disabled
Figure 36. Output Voltage Noise vs. Frequency, Chopping Enabled, All Gain
Settings
Figure 37. Output Voltage Noise vs. Frequency, External Chopping, fSYNC =
1.6 MHz, All Gain Settings
Figure 38. Output Normalized Magnitude vs. Frequency, VSET = VDD = 5 V, TA
= 25°C
Figure 39. PSRR vs. Frequency, BSENSE = 0 mT
Figure 40. PSRR vs. Frequency, BSENSE = 8 mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com