Electronic Components Datasheet Search
  English  ▼

X  

ADAF1080 Datasheet(PDF) 15 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 11Page - Analog Devices ADAF1080 Datasheet HTML 12Page - Analog Devices ADAF1080 Datasheet HTML 13Page - Analog Devices ADAF1080 Datasheet HTML 14Page - Analog Devices ADAF1080 Datasheet HTML 15Page - Analog Devices ADAF1080 Datasheet HTML 16Page - Analog Devices ADAF1080 Datasheet HTML 17Page - Analog Devices ADAF1080 Datasheet HTML 18Page - Analog Devices ADAF1080 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Data Sheet
ADAF1080
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 15 of 36
Figure 23. SCOEFF1 Initial Error for ±2 mT at 25°C
Figure 24. SCOEFF1 Initial Error for ±4 mT at 25°C
Figure 25. SCOEFF1 Initial Error for ±8 mT at 25°C
Figure 26. Sensitivity Error vs. Temperature, BSENSE = 8 mT, G = 80, VSET =
VDD = 5 V
Figure 27. Sensitivity Error vs. Temperature, BSENSE = 4 mT, G = 80, VSET =
VDD = 5 V
Figure 28. Sensitivity Error vs. Temperature, BSENSE = 2 mT, G = 80, VSET =
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com