Electronic Components Datasheet Search
  English  ▼

X  

ADAF1080 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 2Page - Analog Devices ADAF1080 Datasheet HTML 3Page - Analog Devices ADAF1080 Datasheet HTML 4Page - Analog Devices ADAF1080 Datasheet HTML 5Page - Analog Devices ADAF1080 Datasheet HTML 6Page - Analog Devices ADAF1080 Datasheet HTML 7Page - Analog Devices ADAF1080 Datasheet HTML 8Page - Analog Devices ADAF1080 Datasheet HTML 9Page - Analog Devices ADAF1080 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Data Sheet
ADAF1080
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 36
Table 5. General Characteristics (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Input Drive Current
IB
25
µA
POWER SUPPLY
Supply Voltage
VDD
4.5
5.5
V
Quiescent Supply Current
ISY
No load
5
6.5
9
mA
Power-Up Time
tPWRUP
To 98% of desired output level after VDD was reached
15
ms
VREG Output Voltage
VREG
Internally regulated voltage
1.8
V
Power-Supply Rejection Ratio
PSRR
Ratiometric measurement
VDD = 4.5 V to 5.5 V, DC bias
−81
−82
dB
Frequency = 100 Hz
−82
dB
1 Output referred. Divide by 2 if G = 40, and divide by 4 if G = 20.
2 Calculated equivalent magnetic field.
3 The stability of VOFFSETwFLIP is the calculated offset with the flipping functionality. The sensor is flipped 200 times and standard deviation of the 100 offsets calculated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com