Electronic Components Datasheet Search
  English  ▼

X  

ADAF1080 Datasheet(PDF) 36 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 28Page - Analog Devices ADAF1080 Datasheet HTML 29Page - Analog Devices ADAF1080 Datasheet HTML 30Page - Analog Devices ADAF1080 Datasheet HTML 31Page - Analog Devices ADAF1080 Datasheet HTML 32Page - Analog Devices ADAF1080 Datasheet HTML 33Page - Analog Devices ADAF1080 Datasheet HTML 34Page - Analog Devices ADAF1080 Datasheet HTML 35Page - Analog Devices ADAF1080 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
Data Sheet
ADAF1080
OUTLINE DIMENSIONS
©2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 36 of 36
Figure 65. 20-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.95 mm Package Height
(CP-20-21)
Dimensions shown in millimeters
Updated: October 25, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADAF1080BCPZ
−40°C to +125°C
20-Lead Lead Frame Chip Scale Package [LFCSP]
Tray, 490
CP-20-21
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Table 20. Evaluation Boards
Model1
Description
EVAL-ADAF1080SDZ
A single ADAF1080 sensor board with on-board ADC circuitry and an SDP connector for each of use with the Analog Devices SDP
platform. This evaluation board can be used for magnetic field measurements up to ±8 mT and high-accuracy contactless current
measurements.
EVAL-ADAF1080-3EBZ
A three ADAF1080 evaluation board with sensors configured in a ring architecture allowing for contactless DC and AC current
measurement up to ±640 A measurement
EVAL-ADAF1080-6EBZ
A six ADAF1080 evaluation board with sensors configured in a ring architecture allowing for contactless DC and AC current measurement
up to ±640 A measurement.
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com