Electronic Components Datasheet Search
  English  ▼

X  

ADAF1080 Datasheet(PDF) 11 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 7Page - Analog Devices ADAF1080 Datasheet HTML 8Page - Analog Devices ADAF1080 Datasheet HTML 9Page - Analog Devices ADAF1080 Datasheet HTML 10Page - Analog Devices ADAF1080 Datasheet HTML 11Page - Analog Devices ADAF1080 Datasheet HTML 12Page - Analog Devices ADAF1080 Datasheet HTML 13Page - Analog Devices ADAF1080 Datasheet HTML 14Page - Analog Devices ADAF1080 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
ADAF1080
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 11 of 36
Figure 4. Pin Configuration
Table 13. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Supply Voltage. The VDD pin must be connected to the other VDD supply voltage pin (Pin 6).
2
VOUT
Output Voltage Proportional to the Magnetic Field Sensed. Output ratiometric to VDD.
3
VSET
VSET Input. The VSET pin sets the common-mode voltage of the OUT pin to VSET/2.
4
A0
Gain Setting LSB. When A0 is not in use, it is internally pulled high to VDD.
5
A1
Gain Setting MSB. When A1 is not in use, it is internally pulled high to VDD.
6
VDD
Supply Voltage. Connect a 1 µF capacitor to GND as close to the VDD pin as possible.
7
VTEMP
Temperature Sensor Output. The maximum VTEMP capacitance load (CLOAD_VTEMP) is 20 pF; therefore, do not drive current out of
this pin. VTEMP is proportional to the die junction temperature.
8
DIAG+
Positive Input of the Diagnostic Coil. If DIAG+ is not in use, connect it to GND.
9
GND
Ground.
10
VREG
Internally Regulated 1.8 V. Connect a 0.1 µF capacitor only to GND. Do not connect any other load to this regulated supply.
11
SYNC_EN
Sync Enable. Set SYNC_EN high to enable clock synchronization. Set SYNC_EN low to use the internal clock for chopping. If
SYNC_EN is not in use, it is internally pulled to GND.
12
NC
No Connect. The NC pin can be left open or connected to GND.
13
SYNC
Digital Input Where an External Clock Can Synchronize the Internal Chopping Amplifier Timing. If SYNC is open, it is internally pulled
to GND.
14
GND_FLIP
Ground of the Flip Coil Driver, Attach to System Ground.
15
VDD_FLIP
Supply of the Flip Coil Driver. Place a 10 µF capacitor between VDD_FLIP and GND_FLIP and a 10 Ω resistor in series between
VDD_FLIP and VDD as close as possible to the VDD_FLIP pin.
16
GND_FLIP
Ground of the Flip Coil Driver, Attach to System Ground.
17
FLIP_DRV
Drive Signal for the Flip Coil Driver. A rising edge sets a positive sensitivity, and a falling edge sets a negative sensitivity. If FLIP_DRV
is not in use, internally pulled it high.
18
DIAG−
Negative Input of the Diagnostic Coil and Measurement Point for the Diagnostic Current. If DIAG− is not in use, this pin can be left
open or connected to the EPAD.
19
NC
No Connect. The NC pin can be left open or connected to GND.
20
NC
No Connect. The NC pin can be left open or connected to GND.
EPAD
Exposed Pad. Leave the exposed pad of the package at a floating voltage but soldered to the PCB in the application. The EPAD is
used as the diagnostic coil and is internally connected between the DIAG+ and DIAG− pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com