Electronic Components Datasheet Search
  English  ▼

X  

ADAF1080 Datasheet(PDF) 16 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 12Page - Analog Devices ADAF1080 Datasheet HTML 13Page - Analog Devices ADAF1080 Datasheet HTML 14Page - Analog Devices ADAF1080 Datasheet HTML 15Page - Analog Devices ADAF1080 Datasheet HTML 16Page - Analog Devices ADAF1080 Datasheet HTML 17Page - Analog Devices ADAF1080 Datasheet HTML 18Page - Analog Devices ADAF1080 Datasheet HTML 19Page - Analog Devices ADAF1080 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Data Sheet
ADAF1080
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 16 of 36
Figure 29. SCOEFF1 Error vs. Cross Field over Temperature, Maximum Error
for Sense Field Sweep of ±8 mT
Figure 30. Sensitivity Drift for SCOEFF1, High Temperature Over Lifetime
(HTOL), Parts Tested Over 1000 Hours, 125°C < Junction Temperature <
135°C
Figure 31. Sensitivity Drift for SCOEFF1, Highly Accelerated Stress Test
(HAST), Parts Tested Over 96 Hours at 130°C, 85% Relative Humidity, 33.3
psia
Figure 32. Magnetic Hysteresis vs. Temperature, −8 mT to +8 mT Range, No
Flipping
Figure 33. Magnetic Hysteresis vs. Temperature, −8 mT to +8 mT Range, With
Flipping
Figure 34. Output Voltage Noise vs. Magnetic Sense Field, VSET = VDD = 5 V,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com