Electronic Components Datasheet Search
  English  ▼

X  

AX88190P Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX88190P
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190P Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX88190P Datasheet HTML 6Page - ASIX Electronics Corporation AX88190P Datasheet HTML 7Page - ASIX Electronics Corporation AX88190P Datasheet HTML 8Page - ASIX Electronics Corporation AX88190P Datasheet HTML 9Page - ASIX Electronics Corporation AX88190P Datasheet HTML 10Page - ASIX Electronics Corporation AX88190P Datasheet HTML 11Page - ASIX Electronics Corporation AX88190P Datasheet HTML 12Page - ASIX Electronics Corporation AX88190P Datasheet HTML 13Page - ASIX Electronics Corporation AX88190P Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
AX88190
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
10
2.6 Miscellaneous pins group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
LCLK/XTALIN
I
103
CMOS Local Clock : A 25Mhz clock, +/- 100 ppm, 40%-60% duty
cycle.
Crystal Oscillator Input : A 25Mhz crystal, +/- 25 ppm can be
connected across XTALIN and XTALOUT.
XTALOUT
O
104
Crystal Oscillator Output : A 25Mhz crystal, +/- 25 ppm can be
connected across XTALIN and XTALOUT. If a single-ended external
clock (LCLK) is connected to XTALIN, the crystal output pin should
be left floating.
CLKO25M
O
101
Clock Output 25MHz : This clock is source from LCLK/XTALIN.
PPWDN
O
114
Phy Power Down : This pin connects to PHY chip power down mode
control input.
RESET
I/PD
127
Reset
Reset is active high then place AX88190 into reset mode immediately.
During Falling edge the AX88190 loads the EEPROM data.
LVDD
P
44, 54,
100, 110,
126, 128
Power Supply : +3.3V DC.
HVDD
P
19, 29, 64,
75
Power Supply : +5V DC.
Note : for pure 3.3V single power solution, all the HVDD pin can
connect to +3.3V. Care should be taken that HVDD input power must
be greater or equal ( > = ) than LVDD.
VSS
P
11, 24, 34,
39, 40, 49,
59, 69, 81,
93, 102, 105,
119
Power Supply : +0V DC or Ground Power.
Tab - 6 Miscellaneous pins group
2.7 Power on configuration setup signals cross reference table
Signal Name
Share with
Description
EEPROM SIZE
MEMD[6]
EEPROM SIZE = 0 : Test mode.
EEPROM SIZE = 1 : Normal operation. (Default)
MPD_SET
MEMD[5]
MPD_SET = 0 : MPWDN pin active high.
MPD_SET = 1 : MPWDN pin active low.
PPD_SET
MEMD[4]
PPD_SET = 0 : PPWDN pin active high.
PPD_SET = 1 : PPWDN pin active low.
TEST
MEMD[3]
TEST = 0 : Test mode.
TEST = 1 : Normal operation. (Default)
All of the above signals are pull-up for default values.
Tab - 7 Power on Configuration Setup Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com