Electronic Components Datasheet Search
  English  ▼

X  

AX88190P Datasheet(PDF) 5 Page - ASIX Electronics Corporation

Part # AX88190P
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190P Datasheet(HTML) 5 Page - ASIX Electronics Corporation

  AX88190P Datasheet HTML 1Page - ASIX Electronics Corporation AX88190P Datasheet HTML 2Page - ASIX Electronics Corporation AX88190P Datasheet HTML 3Page - ASIX Electronics Corporation AX88190P Datasheet HTML 4Page - ASIX Electronics Corporation AX88190P Datasheet HTML 5Page - ASIX Electronics Corporation AX88190P Datasheet HTML 6Page - ASIX Electronics Corporation AX88190P Datasheet HTML 7Page - ASIX Electronics Corporation AX88190P Datasheet HTML 8Page - ASIX Electronics Corporation AX88190P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AX88190
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
5
1.0 Introduction
1.1 General Description:
The AX88190 provides industrial standard NE2000 registers level compatable instruction set. Various
drivers are easy acquired, maintenance and usage with no pain and tears
The AX88190 Fast Ethernet Controller is a high performance PCMCIA bus Ethernet Controller. The
AX88190 contains a 16 bit PCMCIA interfaces to host CPU and compliant with PC Card Standard –
February 1995. The AX88190 implements both 10Mbps and 100Mbps Ethernet function based on
IEEE802.3 / IEEE802.3u LAN standard. The AX88190 supports 10Mbps/100Mbps media-independent
interface (MII) to simplify the design. The AX88190 is built in interface to connect FAX/MODEM chipset
with parallel bus interface.
AX88190A use 128-pin LQFP low profile package, 25MHz operation frequency, dual 5V and 3.3V CMOS
process with 5V I/O tolerance or pure 3.3V operation.
1.2 AX88190 Block Diagram:
Fig - 1 AX88190 Block Diagram
MAC
Core
SRAM
Arbiter
Remote
DMA
FIFOs
NE2000
Registers
PCMCIA Interface
STA
SEEPROM
LOADER I/F
SD[15:0]
SA[9:0]
Ctl BUS
MII I/F
SMDC
SMDIO
MEMD[15:0]
MEMA[15:1]
EECS
EECK
EEDI
EEDO
MODEM
I/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com