Electronic Components Datasheet Search
  English  ▼

X  

AX88190P Datasheet(PDF) 38 Page - ASIX Electronics Corporation

Part # AX88190P
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190P Datasheet(HTML) 38 Page - ASIX Electronics Corporation

Back Button AX88190P Datasheet HTML 33Page - ASIX Electronics Corporation AX88190P Datasheet HTML 34Page - ASIX Electronics Corporation AX88190P Datasheet HTML 35Page - ASIX Electronics Corporation AX88190P Datasheet HTML 36Page - ASIX Electronics Corporation AX88190P Datasheet HTML 37Page - ASIX Electronics Corporation AX88190P Datasheet HTML 38Page - ASIX Electronics Corporation AX88190P Datasheet HTML 39Page - ASIX Electronics Corporation AX88190P Datasheet HTML 40Page - ASIX Electronics Corporation AX88190P Datasheet HTML 41Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
AX88190
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
38
Errata of AX88190 V1
1. OE# synchronous problem result in PC hang
Solution : Using hardware CKT to pre-sync OE# signal as below.
2. Interrupt Status can’t always clean up
Solution : Using software to do clean and check iteration until clean up.
Ex : IOBASE=300 ; Clear Tx/Rx interrupt.
Mov dx,307h
ClrISR :
Mov al,3
; clear Tx/Rx interrupt
Out dx,al
; output to clear ISR
In
al,dx
; read ISR
Test al,3
; Check ISR cleared or not
Jz ClrISRDone ; Clear ok
Mov al,0
; if not, clear again
Out dx,al
Jmp ClrISR
ClrISRDone:
…
; clear successful
3. CE1# Bus decoder problem
Solution : Dis-connect AX88190 CE1# (pin 18) from PCMCIA connector CE1#
(pin 7). And connect AX88190 CE1# (pin 18) to logic “0” always
enable this signal.
From
PCMCIA
Connector
Pin
9
From
AX88190
Pin
101
To
AX88190
Pin
16
Jumper
for
future
use
CLK25M
OE_#
OE_M#
U1B
74F74
D
12
CLK
11
Q
9
Q
8
U1A
74F74
D
2
CLK
3
Q
5
Q
6
U2A
74F86
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com