Electronic Components Datasheet Search
  English  ▼

X  

AX88190P Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88190P
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190P Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88190P Datasheet HTML 4Page - ASIX Electronics Corporation AX88190P Datasheet HTML 5Page - ASIX Electronics Corporation AX88190P Datasheet HTML 6Page - ASIX Electronics Corporation AX88190P Datasheet HTML 7Page - ASIX Electronics Corporation AX88190P Datasheet HTML 8Page - ASIX Electronics Corporation AX88190P Datasheet HTML 9Page - ASIX Electronics Corporation AX88190P Datasheet HTML 10Page - ASIX Electronics Corporation AX88190P Datasheet HTML 11Page - ASIX Electronics Corporation AX88190P Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
AX88190
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
8
2.2 EEPROM Signals Group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
EECS
O
106
EEPROM Chip Select : EEPROM chip select signal.
EECK
O
107
EEPROM Clock : Signal connected to EEPROM clock pin.
EEDI
O
108
EEPROM Data In : Signal connected to EEPROM data input pin.
EEDO
I/PU
109
EEPROM Data Out : Signal connected to EEPROM data output pin.
Tab - 2 EEPROM bus interface signals group
2.3 MII interface signals group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
RXD[3:0]
I
90 – 87
Receive Data : RXD[3:0] is driven by the PHY synchronously with
respect to RX_CLK.
CRS
I
85
Carrier Sense : Asynchronous signal CRS is asserted by the PHY
when either the transmit or receive medium is non-idle.
RX_DV
I
83
Receive Data Valid : RX_DV is driven by the PHY synchronously
with respect to RX_CLK. Asserted high when valid data is present on
RXD [3:0].
RX_ER
I
82
Receive Error : RX_ER ,is driven by PHY and synchronous to
RX_CLK, is asserted for one or more RX_CLK periods to indicate to
the port that an error has detected.
RX_CLK
I
86
Receive Clock : RX_CLK is a continuous clock that provides the
timing reference for the transfer of the RX_DV,RXD[3:0] and
RX_ER signals from the PHY to the MII port of the repeater.
COL
I
84
Collision : this signal is driven by PHY when collision is detected.
TX_EN
O
95
Transmit Enable : TX_EN is transition synchronously with respect to
the rising edge of TX_CLK. TX_EN indicates that the port is
presenting nibbles on TXD [3:0] for transmission.
TXD[3:0]
O
99 – 96
Transmit Data : TXD[3:0] is transition synchronously with respect to
the rising edge of TX_CLK. For each TX_CLK period in which
TX_EN is asserted, TXD[3:0] are accepted for transmission by the
PHY.
TX_CLK
I
94
Transmit Clock : TX_CLK is a continuous clock from PHY. It
provides the timing reference for the transfer of the TX_EN and
TXD[3:0] signals from the MII port to the PHY.
MDC
O
92
Station Management Data Clock : The timing reference for MDIO.
All data transfers on MDIO are synchronized to the rising edge of this
clock. MDC is a 2.5MHz frequency clock output.
MDIO
I/O/PU
91
Station Management Data Input / Output : Serial data input/output
transfers from/to the PHYs . The transfer protocol conforms to the
IEEE 802.3u MII specification.
Tab - 3 MII interface signals group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com