Electronic Components Datasheet Search
  English  ▼

X  

AX88190P Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88190P
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190P Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88190P Datasheet HTML 28Page - ASIX Electronics Corporation AX88190P Datasheet HTML 29Page - ASIX Electronics Corporation AX88190P Datasheet HTML 30Page - ASIX Electronics Corporation AX88190P Datasheet HTML 31Page - ASIX Electronics Corporation AX88190P Datasheet HTML 32Page - ASIX Electronics Corporation AX88190P Datasheet HTML 33Page - ASIX Electronics Corporation AX88190P Datasheet HTML 34Page - ASIX Electronics Corporation AX88190P Datasheet HTML 35Page - ASIX Electronics Corporation AX88190P Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
AX88190
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
32
6.4.8 Asynchronous Memory I/F Access Timing
MEMORY WRITE
Tsu(A)
Th(A)
MEMA[15:1]
Tw(WR)
/MEMWR
Td(WtoR)
Tw(RDdis)
/MEMRD
Tsu(D)
Th(D)
Write Data
SD[15:0](Dout)
DATA Valid
Symbol
Description
Min
Typ.
Max
Units
Tsu(A)
ADDRESS SETUP TIME
36
-
-
ns
Th(A)
ADDRESS HOLD TIME
0.3
-
1
ns
Tw(WR)
WRITE PULSE WIDTH
*
-
ns
Tw(RDdis)
READ DISABLE PULSE WIDTH
*
-
ns
Td(WtoR)
WRITE TO READ DEALY
1
-
4.5
ns
Tsu(D)
DATA SETUP TIME
16
-
-
ns
Th(D)
DATA HOLD TIME
0.3
-
2
ns
MEMORY READ
Tsu(A)
Th(A)
MEMA[15:1]
Referance
Tw(RD)
Internal
“/MEMRD”
( High Level )
/MEMWR
( Low Level )
/MEMRD
Tsu(RD)
Th(RD)
Read Data
MEMD[15:1]
Valid DATA
Symbol
Description
Min
Typ.
Max
Units
Tsu(A)
ADDRESS SETUP TIME
30
-
-
ns
Th(A)
ADDRESS HOLD TIME
1.3
-
1
ns
Tw(RD)
READ PULSE WIDTH
*
-
ns
Tsu(D)
DATA SETUP TIME
3
-
-
ns
Th(D)
DATA HOLD TIME
0
-
2
ns
* NOTE : The pulse width can be seen as LCLK/XTALIN high time. See also 6.4.1 “Thigh” parameter.
NOTE : All most any brand asynchronous SRAM access time under 20 ns can fit into the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com