Electronic Components Datasheet Search
  English  ▼

X  

AX88190P Datasheet(PDF) 36 Page - ASIX Electronics Corporation

Part # AX88190P
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190P Datasheet(HTML) 36 Page - ASIX Electronics Corporation

Back Button AX88190P Datasheet HTML 32Page - ASIX Electronics Corporation AX88190P Datasheet HTML 33Page - ASIX Electronics Corporation AX88190P Datasheet HTML 34Page - ASIX Electronics Corporation AX88190P Datasheet HTML 35Page - ASIX Electronics Corporation AX88190P Datasheet HTML 36Page - ASIX Electronics Corporation AX88190P Datasheet HTML 37Page - ASIX Electronics Corporation AX88190P Datasheet HTML 38Page - ASIX Electronics Corporation AX88190P Datasheet HTML 39Page - ASIX Electronics Corporation AX88190P Datasheet HTML 40Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
AX88190
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
36
A.5 Dual power (5V and 3.3V) application with 3.3V PHY
The 510 and 1K Ohm resisters are just for voltage adjustment
AX88190
PHY
RXD[3:0]
CRS
RX_DV
RX_ER
RX_CLK
COL
TX_EN
TXD[3:0]
TX_CLK
MDC
MDIO
RXD[3:0]
CRS
RX_DV
RX_ER
RX_CLK
COL
TX_EN
TXD[3:0]
TX_CLK
MDC
MDIO
510 ohm
1k ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com