Electronic Components Datasheet Search
  English  ▼

X  

AX88190P Datasheet(PDF) 7 Page - ASIX Electronics Corporation

Part # AX88190P
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190P Datasheet(HTML) 7 Page - ASIX Electronics Corporation

Back Button AX88190P Datasheet HTML 3Page - ASIX Electronics Corporation AX88190P Datasheet HTML 4Page - ASIX Electronics Corporation AX88190P Datasheet HTML 5Page - ASIX Electronics Corporation AX88190P Datasheet HTML 6Page - ASIX Electronics Corporation AX88190P Datasheet HTML 7Page - ASIX Electronics Corporation AX88190P Datasheet HTML 8Page - ASIX Electronics Corporation AX88190P Datasheet HTML 9Page - ASIX Electronics Corporation AX88190P Datasheet HTML 10Page - ASIX Electronics Corporation AX88190P Datasheet HTML 11Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
AX88190
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
7
2.0 Signal Description
The following terms describe the AX88190 pin-out:
All pin names with the “#” suffix are asserted low.
The following abbreviations are used in following Tables.
I
Input
PU
Pull Up
O
Output
PD
Pull Down
I/O
Input/Output
P
Power Pin
OD
Open Drain
2.1 PCMCIA Bus Interface Signals Group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
SA[9:0]
I
10 – 1
System Address : Signals SA[9:0] are address bus input lines which
enable direct address of up to 64K memory and I/O spaces on card.
SD[15:0]
I/O
20 – 23,
25 – 38,
30 – 33,
35 – 38
System Data Bus : Signals SD[15:0] constitute the bi-directional data
bus.
IREQ#
O
12
Interrupt Request : IREQ# is asserted to indicate the host system that
the PC Card device requires host software service.
WAIT#
O
125
Wait : This signal is set low to insert wait states during Remote DMA
transfer.
REG#
I
123
Attribute Memory and I/O Space Select : When the REG# signal is
asserted, access is limited to Attribute Memory and to the I/O space.
IORD#
I
15
I/O Read : The host asserts IORD# to read data from AX88190 I/O
space.
IOWR#
I
14
I/O Write : The host asserts IOWR# to write data into AX88190 I/O
space.
OE#
I
16
Output Enable : The OE# line is used to gate Memory Read data from
memory on PC Card
WE#
I
13
Write Enable : The WE# signal is used for strobing Memory Write
data into the memory on PC Card.
IOIS16#
O
120
I/O is 16 Bit Port : The IOIS16# is asserted when the address at the
socket corresponds to an I/O address to which the card responds, and
the I/O port addressed is capable of 16-bit access.
INPACK#
O
124
Input Port Acknowledge : The signal is asserted when the AX88190 is
selected and can respond to and I/O read cycle at the address on the
address bus.
CE1#-CE2#
I
18, 17
Card Enable : The CE1# enables even numbered address bytes and
CE2# enables odd numbered address bytes
BVD1_STSCHG#
O
121
Battery Voltage Detect 1 / Status Change
BVD2_SPKR#
O
122
Battery Voltage Detect 2 / Audio speaker out
Tab - 1 PCMCIA bus interface signals group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com