Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 31 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 27Page - NXP Semiconductors LPC55S2X Datasheet HTML 28Page - NXP Semiconductors LPC55S2X Datasheet HTML 29Page - NXP Semiconductors LPC55S2X Datasheet HTML 30Page - NXP Semiconductors LPC55S2X Datasheet HTML 31Page - NXP Semiconductors LPC55S2X Datasheet HTML 32Page - NXP Semiconductors LPC55S2X Datasheet HTML 33Page - NXP Semiconductors LPC55S2X Datasheet HTML 34Page - NXP Semiconductors LPC55S2X Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 140 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.2 — 8 December 2022
31 of 139
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
PIO1_12
-
F12
67
[2][8]
Z
I/O 0
PIO1_12 — General-purpose digital input/output pin.
1
R — Reserved.
I/O 2
FC6_SCK — Flexcomm 6: USART, SPI, or I2S clock.
O
3
CTIMER1_MAT1 — 32-bit CTimer1 match output 1.
O
4
USB0_PORTPWRN — USB0 VBUS drive indicator
(Indicates VBUS must be driven).
I/O 5
HS_SPI_SSEL2 — Slave Select 2 for high speed SPI.
PIO1_13
-
B3
2
[2][8]
Z
I/O 0
PIO1_13 — General-purpose digital input/output pin.
1
R — Reserved.
I/O 2
FC6_RXD_SDA_MOSI_DATA — Flexcomm 6: USART
receiver, I2C data I/O, SPI master-out/slave-in data, I2S
data I/O.
I
3
CTIMER_INP6 — Capture input to CTIMER input
multiplexers.
I
4
USB0_OVERCURRENTN — USB0 bus overcurrent
indicator (active low).
O
5
USB0_FRAME — USB0 frame toggle signal.
6
R — Reserved.
I
7
SD0_CARD_DET_N — SD/MMC 0 card detect (active low).
PIO1_14/
ACMP0_D
-
L7
57
[4][8]
Z
I/O;
AI
0
PIO1_14/ACMP0_D — General-purpose digital input/output
pin. Comparator 0, input D if the DIGIMODE bit is set to 0
and ANAMODE is set to 1 in the IOCON register for this pin.
1
R — Reserved.
I
2
UTICK_CAP2 — Micro-tick timer capture input 2.
O
3
CTIMER1_MAT2 — 32-bit CTimer1 match output 2.
I/O 4
FC5_CTS_SDA_SSEL0 — Flexcomm 5: USART
clear-to-send, I2C data I/O, SPI Slave Select 0.
O
5
USB0_LEDN — USB0-configured LED indicator (active
low).
6
R — Reserved.
I/O 7
SD1_CMD — SD/MMC 1 card command I/O.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com