Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 80 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 76Page - NXP Semiconductors LPC55S2X Datasheet HTML 77Page - NXP Semiconductors LPC55S2X Datasheet HTML 78Page - NXP Semiconductors LPC55S2X Datasheet HTML 79Page - NXP Semiconductors LPC55S2X Datasheet HTML 80Page - NXP Semiconductors LPC55S2X Datasheet HTML 81Page - NXP Semiconductors LPC55S2X Datasheet HTML 82Page - NXP Semiconductors LPC55S2X Datasheet HTML 83Page - NXP Semiconductors LPC55S2X Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 140 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.2 — 8 December 2022
80 of 139
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
[1] Typical ratings are not guaranteed. Typical values listed are at room temperature (25 C).
[2] Characterized through bench measurements using typical samples.
[3] The maximum values represent characterized results equivalent to the mean plus three times the standard deviation (mean + 3 sigma).
SRAM_X2 (4 KB) powered
Tamb = 25 C, VSUPPLY = 3.0 v
-
3.9
4.5
A
SRAM_X2 (4 KB) powered
Tamb = 105 C, VSUPPLY = 3.0 v
-
-
85
A
SRAM_X2 and SRAM_X3 (8 KB)
powered
Tamb = 25 C, VSUPPLY = 3.0 v
-
4.0
-
A
256 KB full retention
Tamb = 25 C, VSUPPLY = 3.0 v
-
14
18
A
256 KB full retention
Tamb = 105 C, VSUPPLY = 3.0 v
-
-
480
A
SRAM_X2 (4 KB) powered
Tamb = 25 C, VSUPPLY = 3.0 v
USART3 enabled as wake-up source
-
4.2
-
A
SRAM_X2 (4 KB) powered
Tamb = 25 C, VSUPPLY = 3.0 v
OSTIMER enabled as wake-up source
-
4.1
-
A
Deep power-down mode;
RTC oscillator input grounded (RTC
oscillator disabled, 4 KB SRAM
powered)
Tamb = 25 C, VSUPPLY= 3.0 v
[2]
-
590
750
nA
Deep power-down mode;
RTC oscillator input grounded (RTC
oscillator disabled, 4 KB SRAM
powered)
Tamb = 105 C, VSUPPLY= 3.0 v
[2]
-
-
15
A
RTC oscillator running with external
crystal (4 KB SRAM powered)
-
790
-
nA
Table 19. Static characteristics: Power consumption in deep-sleep, power-down, and deep power-down modes
Tamb = 40 C to +105 C; unless otherwise specified. IDD is total current from VBAT_DCDC, VBAT_PMU, VDDA, and VDD
supply domains. VSUPPLY = VBAT_DCDC + VBAT_PMU + VDDA + VDD
Sym
bol
Parameter
Conditions
Min
Typ[1][2]
Max[3]
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com