Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 79 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 75Page - NXP Semiconductors LPC55S2X Datasheet HTML 76Page - NXP Semiconductors LPC55S2X Datasheet HTML 77Page - NXP Semiconductors LPC55S2X Datasheet HTML 78Page - NXP Semiconductors LPC55S2X Datasheet HTML 79Page - NXP Semiconductors LPC55S2X Datasheet HTML 80Page - NXP Semiconductors LPC55S2X Datasheet HTML 81Page - NXP Semiconductors LPC55S2X Datasheet HTML 82Page - NXP Semiconductors LPC55S2X Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 140 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.2 — 8 December 2022
79 of 139
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
[1] Typical ratings are not guaranteed. Typical values listed are at room temperature (25 C). Characterized through bench measurements
using typical samples.
[2] Clock source FRO. System Oscillator disabled. PLL disabled
[3] Compiler settings: IAR v.8.20.2., optimization level 0, optimized for time off.
[4] Flash is powered down
[5] System Oscillator enabled. FRO disabled. PLL disabled.
[6] For device revision 1B, power library in SDK sets the DCDC output based on the frequency selected. For frequencies 100 MHz or
below, DCDC output is set between 1.0 V to 1.075 V. Frequencies between 101 MHz to 130 MHz, DCDC output is set between 1.025 V
to 1.150 V, and for frequencies above 130 MHz, DCDC output is set between 1.050 V to 1.2 V. For device revision 0A, the default typical
DCDC output is 1.1 V and for device revision 1B, the typical default DCDC output is 1.0 V.
[7] See the FLASHCFG register in the LPC55S6x/LPC55S2x User Manual for system clock flash access time settings. Power Library in
SDK sets the flash wait states based on the frequency selected.
[1] Typical ratings are not guaranteed. Typical values listed are at room temperature (25 C)
[2] Clock source FRO. PLL disabled
Table 17. Static characteristics: Power consumption in active mode [6]
Tamb = 40 C to +105 C, unless otherwise specified. VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
ARM Cortex-M33 in active mode
IDD
supply current
CoreMark code executed from
SRAMX; flash powered down
CCLK = 1 MHz, Tamb = 25 C
[2][3]
-
0.8
-
mA
CCLK = 16 MHz, Tamb = 25 C
[3][5]
-
1.1
-
mA
IDD
supply current
CoreMark code executed from flash;
CCLK = 1 MHz, 1 system clock flash
access time, Tamb = 25 C
[2][3][7]
-
0.9
-
mA
CCLK = 12 MHz, 2 system clock
flash access time, Tamb = 25 C
[3][5][7]
-
1.2
-
mA
Table 18. Static characteristics: Power consumption in sleep mode
Tamb = 40 C to +105 C, unless otherwise specified. VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
ARM Cortex-M33 in sleep mode
IDD
supply current
CCLK = 12 MHz, PLL disabled
[1][2]
-
0.7
-
mA
CCLK = 96 MHz, PLL disabled
[2]
-
2.7
-
mA
Table 19. Static characteristics: Power consumption in deep-sleep, power-down, and deep power-down modes
Tamb = 40 C to +105 C; unless otherwise specified. IDD is total current from VBAT_DCDC, VBAT_PMU, VDDA, and VDD
supply domains. VSUPPLY = VBAT_DCDC + VBAT_PMU + VDDA + VDD
Sym
bol
Parameter
Conditions
Min
Typ[1][2]
Max[3]
Unit
IDD
supply current
Deep-sleep mode; all SRAM on
Tamb = 25 C, VSUPPLY = 3.0 v
[2]
-
110
135
A
Tamb = 25 C, VSUPPLY = 1.8 v
[2]
-
148
191
A
Tamb = 105 C, VSUPPLY = 1.8 v
[2]
-
-
1850
A
Power-down mode.
[2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com