Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 83 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 79Page - NXP Semiconductors LPC55S2X Datasheet HTML 80Page - NXP Semiconductors LPC55S2X Datasheet HTML 81Page - NXP Semiconductors LPC55S2X Datasheet HTML 82Page - NXP Semiconductors LPC55S2X Datasheet HTML 83Page - NXP Semiconductors LPC55S2X Datasheet HTML 84Page - NXP Semiconductors LPC55S2X Datasheet HTML 85Page - NXP Semiconductors LPC55S2X Datasheet HTML 86Page - NXP Semiconductors LPC55S2X Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 140 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.2 — 8 December 2022
83 of 139
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
Table 22. Typical peripheral power consumption
VBAT_PMU = VBAT_DCDC = VDD = 3.3 V; T = 25 °C
Peripheral
IDD (uA)
FRO (12 MHz)
41
-
FRO (1 MHz)
3.5
-
FRO (32 KHz)
0.3
-
System OSC
35
-
32.768 KHz OSC
3.7
-
Flash
79
-
BODVBAT
0.3
-
SRAM 0 (64 KB)
[2]
9.5
-
SRAM 1 (64 KB)
[2]
11.5
-
SRAM 2 (64 KB)
[2]
11.5
-
SRAM 4 (16 KB)
[2]
16
-
Comparator
59
-
Peripheral
IDD in uA/MHz
IDD in uA/MHz
CPU: 12 MHz
CPU: 96MHz
FS USB0 Device
0.8
0.8
HS USB1 Device
1.0
1.3
RNG
17
2.8
INPUTMUX
[1]
0.4
0.5
IOCON
[1]
0.6
0.6
GPIO0
[1]
0.3
0.4
GPIO1
[1]
0.3
0.4
PINT
0.5
0.5
GINT
0.3
0.3
DMA0
1.7
1.7
DMA1
1.2
1.2
CRC
0.4
0.4
WWDT
0.2
0.2
RTC
0.2
0.2
MAILBOX
0.2
0.2
MRT
0.3
0.3
SCTimer/PWM
1.3
1.4
UTICK
0.2
0.2
OS Timer
0.2
0.2
Flexcomm
Interface 0
0.8
0.8
Flexcomm
Interface 1
0.8
0.8
Flexcomm
Interface 2
0.8
0.8
Flexcomm
Interface 3
0.8
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com