Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 65Page - NXP Semiconductors LPC55S2X Datasheet HTML 66Page - NXP Semiconductors LPC55S2X Datasheet HTML 67Page - NXP Semiconductors LPC55S2X Datasheet HTML 68Page - NXP Semiconductors LPC55S2X Datasheet HTML 69Page - NXP Semiconductors LPC55S2X Datasheet HTML 70Page - NXP Semiconductors LPC55S2X Datasheet HTML 71Page - NXP Semiconductors LPC55S2X Datasheet HTML 72Page - NXP Semiconductors LPC55S2X Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 140 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.2 — 8 December 2022
69 of 139
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
7.27.3 Temperature sensor
The ADC has a dedicated input channel for an on-chip temperate sensor that is mapped
on channel 26.
7.28 Security Features
The security system on LPC55S2x has a set of hardware blocks and ROM code to
implement the security features of the device. The hardware consists of an AES engine, a
Secure Hash Algorithm (SHA) engine, a Random Number Generator (RNG), a PRINCE
engine for real-time flash encryption/decryption, and a key storage block that keys from an
SRAM based PUF (Physically Unclonable Function). All components of the system can be
accessed by the processor or the DMA engine to encrypt or decrypt data and for hashing.
The ROM is responsible for secure boot in addition to providing support for various
security functions.
7.28.1 AES engine
The LPC55S2x devices provide an on-chip hardware AES encryption and decryption
engine to protect the image content and to accelerate processing for data encryption or
decryption, data integrity, and proof of origin. Data can be encrypted or decrypted by the
AES engine using a key from the PUF or a software supplied key. The AES engine
supports 128 bit, 192 bit, or 256 bit keys for encryption and decryption operations.
7.28.1.1 Features
• Encryption and decryption of data.
• Secure storage of AES key that cannot be read.
• Supports 128 bit, 192 bit or 256 bit key in Electronic Code Book (ECB) mode, Cipher
Block Chaining (CBC) mode, and Counter (CTR) mode.
• Supports 128-bit key in ICB (Indexed Code Book) mode, that offers protection against
side-channel attacks.
• Compliant with the FIPS (Federal Information Processing Standard) Publication 197,
Advanced Encryption Standard (AES).
• It may use the processor, DMA, or AHB Master for data movement. AHB Master may
only be used to load data, DMA may be used to read-out results. DMA based result
reading is a “trigger”, so the application must set the size correctly.
7.28.2 HASH engine
The LPC55S2x devices provide on-chip Hash support to perform SHA-1 and
SHA-2 with 256-bit digest (SHA-256). Hashing is a way to reduce arbitrarily large
messages or code images to a relatively small fixed size “unique” number called a digest.
The SHA-1 Hash produces a 160 bit digest (five words), and the SHA-256 hash produces
a 256 bit digest (eight words).
7.28.2.1 Features
• Performs SHA-1 and SHA-2(256) based hashing.
• Used with HMAC to support a challenge/response or to validate a message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com