Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 49Page - NXP Semiconductors LPC55S2X Datasheet HTML 50Page - NXP Semiconductors LPC55S2X Datasheet HTML 51Page - NXP Semiconductors LPC55S2X Datasheet HTML 52Page - NXP Semiconductors LPC55S2X Datasheet HTML 53Page - NXP Semiconductors LPC55S2X Datasheet HTML 54Page - NXP Semiconductors LPC55S2X Datasheet HTML 55Page - NXP Semiconductors LPC55S2X Datasheet HTML 56Page - NXP Semiconductors LPC55S2X Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 140 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.2 — 8 December 2022
53 of 139
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
7.20 Power control
The LPC55S2x/LPC552x support a variety of power control features. In Active mode,
when the chip is running, power and clocks to selected peripherals can be adjusted for
power consumption. In addition, there are four special modes of processor power
reduction with different peripherals running: sleep mode, deep-sleep mode, power-down
mode, and deep power-down mode which can be activated by the power mode configure
API.
7.20.1 Sleep mode
In sleep mode, the system clock to CPU is stopped and execution of instructions is
suspended until either a reset or interrupt occurs. Peripheral functions, if selected to be
clocked can continue operation during sleep mode and may generate interrupts to cause
the processor to resume execution. Sleep mode eliminates dynamic power used by the
processor itself, memory systems and related controllers, internal buses, and unused
peripherals.
7.20.2 Deep-sleep mode
In deep-sleep mode, the flash is powered down. The system clock to CPU is stopped and
if not configured, the peripherals receives no clocks. Through the power profiles API,
selected peripherals such as USB0, USB1, Flexcomm interfaces 0 to 7 (SPI, I2C, USART,
I2S), Flexcomm interface 10 (High Speed SPI), Micro-tick, WWDT, RTC, OSTimer,
Standard Timers, comparator, and BOD can be left running in deep-sleep mode. Clock
sources such as FRO12 MHz, FRO 32 KHz, FRO 1 MHz, the 32.768 kHz RTC clock, and
the external oscillator can be enabled or disabled via software.
The LPC55S2x/LPC552x can wake up from deep-sleep mode via a reset, digital pins
selected as inputs to the pin interrupt block and group interrupt block, OS Timer, Standard
Timers, Micro-tick, RTC alarm, a watchdog timer interrupt/reset, BOD interrupt/reset, an
interrupt from the USB0, USB1, SPI, I2C, I2S, USART, comparator, and PLU. Some
peripherals can have DMA service during deep-sleep mode without waking up entire
device.
In deep-sleep mode, all SRAM, GPIO logic state, and registers maintain their internal
states. All SRAM instances that are not configured to enter in ‘retention state’ will stay in
active state. Deep-sleep mode allows for very low quiescent power and fast wake-up
options.
7.20.3 Power-down mode
In power-down mode, nearly all on-chip power consumption is turned off by shutting down
the internal DC-DC converter. The flash is powered down. The system clock to CPU is
stopped and if not configured, the peripherals receives no clocks. Through the power
profiles API, selected peripherals such as Flexcomm interfaces 3 (SPI, I2C, USART, I2S),
RTC, OS Timer, and comparator can be left running in power-down mode. Clock sources
such as FRO 32 KHz, and the 32.768 kHz RTC clock can be enabled or disabled via
software.
The LPC55S2x/LPC552x can wake up from power-down mode via a reset, digital pins
selected as inputs to the group interrupt block, OS Timer, RTC alarm, an interrupt from the
Flexcomm Interface 3 (SPI, I2C, I2S, USART), and comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com