Electronic Components Datasheet Search
  English  ▼

X  

LPC55S69JBD64 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # LPC55S69JBD64
Description  32-bit Arm Cortex®-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator,...
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S69JBD64 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button LPC55S69JBD64 Datasheet HTML 86Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 87Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 88Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 89Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 90Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 91Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 92Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 93Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 140 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.4 — 8 December 2022
90 of 138
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply
voltages.
[2] The +/- 1% accuracy specification applies to devices with date code 2041 (yyww) and onwards.
11.6 FRO (1 MHz)
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply
voltages.
11.7 FRO (32 KHz)
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply
voltages.
11.8 RTC oscillator
See Section 13.4 for connecting the RTC oscillator to an external clock source.
[1] Parameters are valid over operating temperature range unless otherwise specified.
11.9 I2C-bus
Table 30. Dynamic characteristic: FRO [2]
Tamb = 0 C to +85 C; 1.8 V  VBAT_DCDC  3.6 V.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(RC)
FRO clock frequency -
11.88
12
12.12
MHz
fosc(RC)
FRO clock frequency -
95.04
96
96.96
MHz
Table 31. Dynamic characteristic: FRO
Tamb = 40 C to +105 C; 1.8 V  VBAT_DCDC  3.6 V.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(RC)
FRO clock frequency -
0.85
1
1.15
MHz
Table 32. Dynamic characteristic: FRO
Tamb = 40 C to +105 C; 1.8 V  VBAT_DCDC  3.6 V.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(RC)
FRO clock frequency -
32.11
32.768
33.42
KHz
Table 33. Dynamic characteristic: RTC oscillator
Tamb = 40 C to +105 C; 1.8  VBAT_DCDC  3.6[1]
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
fi
input frequency
-
-
32.768
kHz
Table 34. Dynamic characteristic: I2C-bus pins[1]
Tamb = 40 C to +105 C; 1.8 V  VBAT_DCDC  3.6 V.[2]
Symbol Parameter
Conditions
Min
Max
Unit
fSCL
SCL clock frequency
Standard-mode
0
100
kHz
Fast-mode
0
400
kHz
Fast-mode Plus
0
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com