Electronic Components Datasheet Search
  English  ▼

X  

LPC55S69JBD64 Datasheet(PDF) 111 Page - NXP Semiconductors

Part # LPC55S69JBD64
Description  32-bit Arm Cortex®-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator,...
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S69JBD64 Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button LPC55S69JBD64 Datasheet HTML 107Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 108Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 109Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 110Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 111Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 112Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 113Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 114Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 140 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.4 — 8 December 2022
111 of 138
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
13.4 RTC oscillator
The crystal oscillator has embedded capacitor bank where it can be used as an
integrated load capacitor for the crystal oscillators. The capacitor banks on each crystal
pin can tune the frequency for crystals with a Capacitive Load (CL) between 6 to 10pF
(IEC equivalent).
Simple APIs to configure the Capacitor Banks based on the crystal Capacitive Load (CL)
and measured PCB parasitic capacitances on XIN and XOUT pins.
In the crystal oscillator circuit, only the crystal (XTAL) needs to be connected with the
option to connect capacitances CX1 and CX2 on XTAL32K_P and XTAL32K_N pins.
Depending upon the computation of the required Capacitance Load, there is no need to
add some capacitance on PCB if computation is less than 20 pF (10 pF equivalent IEC),
and if computation is greater than 20 pF (10 pF equivalent IEC), then additional
capacitance is on PCB required. See Figure 22 and refer to the ”Cap Bank API” chapter in
the user manual.
In bypass mode, an external clock (maximum frequency of up to 100 kHz) can also be
connected to XTAL32K_P if XTAL32K_N is left open. External [0 – VH] square signal can
be applied on the XTAL32K_P pin with 1.1 V +/-10%
A external signal below 1.0 V or above 1.2 V cannot be applied
For best results, it is very critical to select a matching crystal for the on-chip oscillator.
Load capacitance (CL), series resistance (RS), and drive level (DL) are important
parameters to consider while choosing the crystal.
13.4.1 RTC Printed Circuit Board (PCB) design guidelines
• Connect the crystal and external load capacitors on the PCB as close as possible to
the oscillator input and output pins of the chip.
• The length of traces in the oscillation circuit should be as short as possible and must
not cross other signal lines.
• Ensure that the load capacitors have a common ground plane.
Fig 27. RTC oscillator components
aaa-0181472-x
LPC
XTAL32K_P
XTAL32K_N
CX2
CX1
XTAL
=
CL
CP
RS
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com