| Electronic Components Datasheet Search |
|
EM78P813 Datasheet(PDF) 28 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P813 Datasheet(HTML) 28 Page - ELAN Microelectronics Corp |
|
28 / 65 page ![]() EM78P813 8-bit OTP Micro-controller __________________________________________________________________________________________________________________________________________________________________ * This specification is subject to change without notice. 28 2004/8/19 (V1.6) Bit 7: Unused register. Always keep this bit to 0 or some un-expect error will happen! The status after wake-up and the wake-up sources list as the table below. Wakeup signal SLEEP mode GREEN mode NORMAL mode RA(7,6)=(0,0) + SLEP RA(7,6)=(x,0) no SLEP RA(7,6)=(x,1) no SLEP TCC time out IOCF bit 0=1 And "ENI" No function Interrupt (jump to address 8 at page0) Interrupt (jump to address 8 at page0) COUNTER1 time out IOCF bit 1=1 And "ENI" No function Interrupt (jump to address 8 at page0) Interrupt (jump to address 8 at page0) COUNTER2 time out IOCF bit 2=1 And "ENI" No function Interrupt (jump to address 8 at page0) Interrupt (jump to address 8 at page0) WDT time out RESET and Jump to address 0 RESET and Jump to address 0 RESET and Jump to address 0 PORT7 Any one bit in IOCE page0 = 1 And "ENI" RESET and Jump to address 0 Interrupt (jump to address 8 at page0) Interrupt (jump to address 8 at page0) DED interrupt IOCE page1 bit 6 = 1 And RF bit3 logic level variation (switch by EDGE bit) And “ENI” No function Interrupt (jump to address 8 at page0) Interrupt (jump to address 8 at page0) Stack overflow IOC5 page1 bit7=1 & RF bit 4: 0 1 And “ENI” No function Interrupt (jump to address 8 at page0) Interrupt (jump to address 8 at page0) <Note> Stack overflow interrupt function is exist in ROM less and OTP chip only. <Note> PORT70 ~ PORT76 's wakeup function is controlled by IOCE PAGE0 bit 0~bit 6 and ENI instruction. They are falling edge trigger. PORT77 's wakeup function is controlled by IOCE PAGE0 bit 7 . It can be trigger in falling edge or rising edge (controlled by CONT register). PAGE1 LCD address 7 6 5 4 3 2 1 0 LCDA7 LCDA6 LCDA5 LCDA4 LCDA3 LCDA2 LCDA1 LCDA0 Bit 0 ~ Bit 7 (LCDA0 ~ LCDA7) : LCD address for internal LCD RAM reading or writing The data in the internal LCD RAM correspond to the COMMON and SEGMENT signals as the table . COM31 ~ COM24 (set R9 PAGE1 bit7=1) COM23 ~ COM16 (set R9 PAGE1 bit7=1) COM15 ~COM8 (set R9 PAGE1 bit7=0) COM7 ~ COM0 (set R9 PAGE1 bit7=0) Address 180H Address 100H Address 080H Address 000H SEG0 Address 181H Address 101H Address 081H Address 001H SEG1 Address 182H Address 102H Address 082H Address 002H SEG2 : : : : : : : : : : |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |