Electronic Components Datasheet Search
  English  ▼

X  

EM78P813 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM78P813
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM78P813 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
4
2004/8/19
(V1.6)
•Mixed dual tone generation by Tone1 and Tone2 with 2dB difference
•Can be programmed for DTMF tone generation
•Can be programmed for FSK signal (Bell202 or V.23) generation
CID
•Operation Voltage 2.7V∼5.5V for FSK
•Operation Voltage 2.7V∼5.5V for DTMF receiver
•Compatible with Bellcore GR-30-CORE (formerly as TR-NWT-000030)
•Compatible with British Telecom (BT) SIN227 & SIN242
•FSK demodulator for Bell 202 and ITU-T V.23 (formerly as CCITT V.23)
•Differential Energy Detector (DED) for line energy detection
CALL WAITING
•Operation Voltage 2.6V∼5.5V
•Compatible with Bellcore special report SR-TSV-002476
•Call-Waiting (2130Hz plus 2750Hz) Alert Signal Detector
•Good talkdown and talkoff performance
•Sensitivity compensated by adjusting input OP gain
LCD (16x112 , 24x106 , 32x98 )
•Operating Voltage range:
Supply voltage : 2.5V to 5.5V
Through charge pump circuit and regulate adjusting, LCD device voltage : 3.6V to 5.3V
•Maximum common driver pins : 16/24/32
•Maximum segment driver pins : 112(SEG0..SEG111)/106(SEG0..SEG105)/ 106(SEG0..SEG97)
•Shared COM16 ~ COM23 pins with SEG113 ~ SEG106 pins
•Shared COM24 ~ COM31 pins with SEG105 ~ SEG98 pins
•1/5 bias for 16 common mode , 1/6 bias for 24 common mode and 1/7 for 32 common mode
•1/16, 1/24, 1/32 duty
•32 Level LCD contrast control (software)
•Internal resistor circuit for LCD bias.
External LCD controller (64 x 256 dot MAX for a pair of Master and Slave LCD Driver)
•Multi-chip operation(Master, Slave) available for external LCD device.
Expand
•128K Program ROM (64K on_chip and provided Parallel transmitter interface for 64K external
program ROM access.)Through external address & data bus, 2M byte Data ROM can be addressing.
Package type
•186 pin die : EM78P813H
•208 pin QFP : EM78P813AQ(POVD disable)
EM78P813BQ(POVD enable)
III. Application
•adjunct units
•SMS phones
•feature phones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com