Electronic Components Datasheet Search
  English  ▼

X  

EM78P813 Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78P813
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813 Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78P813 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
10
2004/8/19
(V1.6)
VIII Expand Program/Data ROM interface
Pin
I/O
Description
EXD0 ~ EXD7
I/O
Expand Program/Data memory Data Bus
RD
O
Expand Program/Data memory Read request output
WR
O
Expand Program/Data memory Write request output
CS
O
Expand Program/Data memory CS request output
EXA-1~EXA19
O
Expand Program/Data memory Address Bus
EXSEL
I
0/1
Internal 64K Program ROM select used/unused
CHIPSEL Pin : EM78813 or EM78815 function select . In EM78813 mode , Key strobe pin are share with SEG50 ~ SEG
65. If select to EM78815 mode , Key strobe pin are share with I/O Port8 and Port9. SEG34 ~SEG65 pin will switch
to expand flash memory interface.
Connect to ground
EM78813 mode
Connect to VDD
EM78815 mode
EM78813 mode
COM2
SEG
V1
V2
V4
V5
GND
30us
V1
V2
V4
V5
GND
V1
V2
V4
V5
GND
Fig.4(a) : EM78813 mode Key scan signal(share with SEG pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com