Electronic Components Datasheet Search
  English  ▼

X  

EM78P813 Datasheet(PDF) 65 Page - ELAN Microelectronics Corp

Part # EM78P813
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813 Datasheet(HTML) 65 Page - ELAN Microelectronics Corp

Back Button EM78P813 Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 65Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 65 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
65
2004/8/19
(V1.6)
LCD pannel
P70
SEG50
SEG51
SEG52
SEG65
VDD
XIN
XOUT
0.1u
PLLC
COMMON
SEGMENT
32.768k
27p
27p
AVSS,GND
EM 78P813
TIP
RING
4700p
47K
Key matrix
LCD driver
EM 9L8580(master)
D0..D7
PB7~PB0
8
CLK A0
/RD
/WR
/CS1
4700p
47K
Line
Interface
Speech
Network
39K
4700p
CWIN
CWGS
47p
150K
TIP
RING
LINE
( support max 65x132 pixels)
VDD,AVDD
P71
P72
P73
LCD driver
EM 9L8580(slave)
D0..D7 CLK A0
/RD
/WR
/CS1
( support max 65x132 pixels)
SEGM ENT
COMMON
FR
FR
CL
CL
/DOF
/DOF
V0
V1
V2
V3
V4
V0
V1
V2
V3
V4
65x264 pixels
M/S
M/S
VDD
/RES
/RES
P/S
P/S
VDD
TIP
RING
4700p
47K
4700p
47K
VDD
STGT
EST
EXTERNAL
Memory
SEG34 ~ SEG65
(Share with interface)
Fig.44
External multi-chip LCD driver application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com