Electronic Components Datasheet Search
  English  ▼

X  

EM78P813 Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM78P813
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813 Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM78P813 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
EM78815 mode (must set RE page2 bit2 ~ bit4 = 1)
30us
Key scan pin(P8,P9)
VDD
GND
Fig.4(b) : EM78815 mode Key scan signal(share with IO pin)
EXSEL pin : 0/1
On-Chip program ROM used/unused switch(EM78815 mode only).
EM78P813 support MAX 128K Program . User can port program to both 64K EM78P813 on_chip ROM and
64K expand ROM .
User also can ignore 64K EM78P813 on_chip ROM and porting all programs to a external
128K ROM. Using this function, user can upgrade program or download new function easily.
EM78P813 provide Data ROM expand function. When user access data which address is over 256K, external
ROM will be load. User must set expand start address of Data ROM to RF PAGE1, PAGE2 and IOCB PAGE1. A
diagram of expand function is as below.
64K Program ROM
(PAGE0 ~ PAGE 63)
256K byte
Data ROM
EM78P813
(EXSEL pin go low)
MAX 2M Byte Expand ROM
(FLASH ROM)
64K word Program ROM
(PAGE64~PAGE127)
ExpandData ROM
Expand Data ROM start address
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
RF PAGE1
RF PAGE2
0
ROM
Address
0
ROM
Address
9
ROM
Address
17
b0
b0
b7
b7
IOCB
B7
Fig5(a) : EXSEL = 0,both internal and external program are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com