Electronic Components Datasheet Search
  English  ▼

X  

EM78P813 Datasheet(PDF) 46 Page - ELAN Microelectronics Corp

Part # EM78P813
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813 Datasheet(HTML) 46 Page - ELAN Microelectronics Corp

Back Button EM78P813 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 50Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
46
2004/8/19
(V1.6)
If EXLCD equal to 0, internal LCD driver selected . PortB and PortC output are decided on IOC9 and IOCA Page1.
When EXLCD equal to 1, PortB and PortC are switch to external LCD driver control pin. At this time, when user execute
read or write PORTB instruction, PORTC timing characteristic plot is follow below.
PORTB
DATA
WR(PC2)/
RD(PC3)
CS(PC0/PC1)
A0(PC4)
Taw
Tcyc
Tcc
Tacc
Tds
Tah
Tdh
PORTB
DATA
Toh
Fig.31 timing characteristic of external LCD driver data read/write
Rated value
Symbol
Applicable
pins
Min
Max
Unit
Tah
A0
0
Taw
A0
0
Tcyc
A0
150
Tcc
WR/RD
60
Tds
D0 ~D7
20
Tdh
D0 ~D7
10
Tacc
D0 ~D7
-
60
Toh
D0 ~D7
10
40
ns
Tah : Address hold time
Taw : Address setup time
Tcyc : System cycle time
Tcc : Pulse width
Tds : Data setup time
Tdh : Data hold time
Tacc : Read access time
Toh : Output disable time
User can operate in coordination on chip Data ROM address automatic increase function to write a large number of
data from internal Data ROM to external LCD RAM.
Example( To collocate EM9L8580 LCD driver ):
START:
MOV
A , @0x0C;
IOW
IOC5_PAGE0
;Set Data ROM address automatic increase after read/write data
MOV
A , @0x09
IOW
IOCB_PAGE1
;External LCD driver chip 1 INSTRUCTION mode select .
MOV
A , @0xB0;
MOV
RB_PAGE0 , A
;Set external LCD driver start address PAGE 0
MOV
A , @0x10
MOV
RB_PAGE0 , A
MOV
A , @0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com