Electronic Components Datasheet Search
  English  ▼

X  

EM78P813 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM78P813
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM78P813 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
3
2004/8/19
(V1.6)
I. General Description
The EM78P813 is an 8-bit CID (Call Identification) RISC type microprocessor with low power, high speed
CMOS technology. There are 64Kx13 bits and 256Kx8 bits Electrical One Time Programmable Read Only Memory
(OTP-ROM) within it. It provides security bits and some One time programmable Option bits to protect the OTP
memory code from any external access as well as to meet user’s options.
Integrated onto a single chip are on chip watchdog (WDT), programmable real time clock/counter,
external/internal interrupt, power down mode, LCD driver, FSK decoder, Call waiting decoder, Energy Detector (DED) ,
DTMF receiver, Programming Tone generator, build-in KEY TONE clock generation, Comparator and tri-state I/O. The
EM78P813 provides a single chip solution to design a CID of calling message display.
II. Feature
CPU
•Operating voltage : 2.2V~5.5V at main CLK less then 3.58MHz.
Main CLK(Hz)
Under 3.58M
5.37M
10.74M
Operating Voltage(min)
2.2
2.5
3
•64K×13 Program ROM
•256K×8 data ROM
•16K×8 data RAM
•128×8 common register
•Up to 56 bi-directional tri-state I/O ports (32 shared with LCD Segment pins)
•IO with internal Pull high, wake-up and interrupt functions
•STACK: 24 level stack for subroutine nesting
•TCC: 8-bit real time clock/counter (TCC) with 8-bit prescaler
•COUNTER1: 8 or 16 bit counter with 8-bit prescaler can be an interrupt source
•COUNTER2: 8-bit counter with 8-bit prescaler can be an interrupt source
•Watch Dog : Programmable free running on chip watchdog timer
•CPU modes:
Mode
CPU status
Main clock
32.768kHz clock status
Sleep mode
Turn off
Turn off
Turn off
Green mode
Turn on
Turn off
Turn on
Normal mode
Turn on
Turn on
Turn on
•4 step Normal mode CLK : 1.79 , 3.58 , 5.37 , 10.74 MHz generated by internal PLL.
•13 interrupt source , 8 external , 5 internal
•Key Scan : Port key scan function up to 16x4 keys
•Sub-Clock: 32.768KHz crystal.
•Key tone output :4KHz, 2KHz ,1KHz (shared with IO)
•Comparator: 3-channel comparators: internal (16 level) or external reference voltage. (shared with
IO)
Serial transmitter/receiver interface
•Serial Peripheral Interface (SPI): Interrupt flag available for the read buffer full, Programmable baud rates of
communication, Three-wire synchronous communication. (shared with IO)
Current D/A
•Operation Voltage : 2.5V∼5.5V
•10-bit resolution and 3-bit output level control
•Current DA output can drive speaker through a transistor for sound playing. (shared with IO)
Programmable Tone Generators
•Operation Voltage 2.2V∼5.5V
•Programmable Tone1 and Tone2 generators
•Independent single tone generation for Tone1 and Tone2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com