Electronic Components Datasheet Search
  English  ▼

X  

MIC33M650 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC33M650
Description  6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M650 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC33M650 Datasheet HTML 24Page - Microchip Technology MIC33M650 Datasheet HTML 25Page - Microchip Technology MIC33M650 Datasheet HTML 26Page - Microchip Technology MIC33M650 Datasheet HTML 27Page - Microchip Technology MIC33M650 Datasheet HTML 28Page - Microchip Technology MIC33M650 Datasheet HTML 29Page - Microchip Technology MIC33M650 Datasheet HTML 30Page - Microchip Technology MIC33M650 Datasheet HTML 31Page - Microchip Technology MIC33M650 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006253A-page 31
MIC33M650
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
XX
Package
Temperature
Range
Device
Device:
MIC33M650: 6A, Pin Strapping Power Module with
HyperLight Load® Mode and Output Voltage Select
Temperature
Range:
Y= -40
C to +125C (Extended)
Package:
MP
= 53-Lead Very Thick Plastic Quad Flat B1QFN,
6 mm x 10 mm x 3 mm
Tape and Reel
Option:
TR
= Tape and Reel
Examples:
a) MIC33M650YMP:
Extended Temperature Range,
53-Lead B1QFN
b) MIC33M650YMP-TR: Extended Temperature Range,
53-Lead B1QFN, Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not printed
on the device package. Check with your
Microchip Sales Office for package availability
with the Tape and Reel option.
XX
Tape and Reel
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com