Electronic Components Datasheet Search
  English  ▼

X  

MIC33M650 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC33M650
Description  6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M650 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC33M650 Datasheet HTML 13Page - Microchip Technology MIC33M650 Datasheet HTML 14Page - Microchip Technology MIC33M650 Datasheet HTML 15Page - Microchip Technology MIC33M650 Datasheet HTML 16Page - Microchip Technology MIC33M650 Datasheet HTML 17Page - Microchip Technology MIC33M650 Datasheet HTML 18Page - Microchip Technology MIC33M650 Datasheet HTML 19Page - Microchip Technology MIC33M650 Datasheet HTML 20Page - Microchip Technology MIC33M650 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006253A-page 17
MIC33M650
4.12
Overtemperature Fault
The MIC33M650 monitors the die junction temperature
to keep the IC operating properly. If the IC junction tem-
perature exceeds +165°C, both power MOSFETs are
immediately turned off. The IC is allowed to restart
when the die temperature falls below +143°C.
During recovery from a thermal shutdown event, if the
regulator hits another thermal shutdown event before
PG can be achieved, the controller resets again. If this
happens four times in a row, the part will be in a
Latch-Off state and the MOSFETs are permanently
latched off. The MIC33M650 will not restart unless the
input power is cycled or the EN pin is set low and then
high again. This latch-off feature eliminates the thermal
stress on the MIC33M650 during a persistent Fault
event.
4.13
Safe Start-up into a Pre-Biased
Output
The MIC33M650 is designed for safe start-up into a
pre-biased output. This feature prevents high negative
inductor current flow in a pre-bias condition which can
damage the IC. This is achieved by not allowing PWM
operation until the control loop commands eight switch-
ing cycles. After eight cycles, the low-side negative
current limit is switched from 0A to -3A. The cycle
counter is reset to zero if the EN pin is pulled low, or an
input undervoltage condition or any other Fault is
detected.
4.14
Current Limiting
The MIC33M650 regulator uses both high-side and
low-side current sense for current limiting. When the
high-side current sense threshold is reached, the
high-side MOSFET is turned off and the low-side
MOSFET is turned on. The low-side MOSFET stays on
until the current falls to 80% of the high-side current
threshold value, then the high side can be turned on
again. If the overload condition lasts for more than
seven cycles, the MIC33M650 enters hiccup current
limiting and both MOSFETs are turned off. There is a
cool-off period before the MOSFETs are allowed to be
turned on. If the regulator has another hiccup event
before it reaches the PG threshold on restart, it will turn
off both MOSFETs and wait for the cool-off period. If
this happens for more than three times in a row, then
the part enters the Latch-Off state, which will perma-
nently turn off both MOSFETs until the part is reset by
cycling input power or by toggling the enable input.
4.15
Thermal Considerations
Although the MIC33M650 is capable of delivering up to
6A under load, the package thermal resistance and the
device internal power dissipation may dictate some
limitations to the continuous output current.
As a reference, for VIN = 5V, VOUT = 1V, IOUT = 5A, the
evaluation board application shows a stable +40°C
chip package self-heating (DT100107).
For VIN = 5V, VOUT = 3.3V, the same self-heating is
produced at about 4A.
If operated above the rated junction temperature,
electrical parameters may drift beyond characterized
specifications. The MIC33M650 is protected under all
circumstances by thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com