Electronic Components Datasheet Search
  English  ▼

X  

MIC33M650 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC33M650
Description  6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M650 Datasheet(HTML) 3 Page - Microchip Technology

  MIC33M650 Datasheet HTML 1Page - Microchip Technology MIC33M650 Datasheet HTML 2Page - Microchip Technology MIC33M650 Datasheet HTML 3Page - Microchip Technology MIC33M650 Datasheet HTML 4Page - Microchip Technology MIC33M650 Datasheet HTML 5Page - Microchip Technology MIC33M650 Datasheet HTML 6Page - Microchip Technology MIC33M650 Datasheet HTML 7Page - Microchip Technology MIC33M650 Datasheet HTML 8Page - Microchip Technology MIC33M650 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006253A-page 3
MIC33M650
Functional Block Diagram
VOUT/6A
0.6V
0.8V
0.9V
1.0V
1.2V
1.5V
1.8V
2.5V
3.3V
VIN
2.4V to 5.5V
2x
47 µF
MIC33M650
EN
SW
PGND
SVIN
PVIN
Control
Logic
TON
ADJUST
PVIN
MINIMUM
TOFF
PG
100k
VIN
PG
HSD
LSD
VSEL1/VSEL2
DECODE LOGIC
VSEL1
L1
0.47 µH
VREF
DAC
ZC
VSEL1
VSEL2
RIPPLE
INJECTION
COMP
VREF -9%
DELAY
+165°C/+143°C
OT
AGND
2.225V/2.072V
UVLO
PD
10
VREF
PD
EA
10 µF
AUX_PVIN
1 µF
10 µF
2 x 0.1 µF
2 x 0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com