Electronic Components Datasheet Search
  English  ▼

X  

MIC33M650 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC33M650
Description  6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M650 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC33M650 Datasheet HTML 7Page - Microchip Technology MIC33M650 Datasheet HTML 8Page - Microchip Technology MIC33M650 Datasheet HTML 9Page - Microchip Technology MIC33M650 Datasheet HTML 10Page - Microchip Technology MIC33M650 Datasheet HTML 11Page - Microchip Technology MIC33M650 Datasheet HTML 12Page - Microchip Technology MIC33M650 Datasheet HTML 13Page - Microchip Technology MIC33M650 Datasheet HTML 14Page - Microchip Technology MIC33M650 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006253A-page 11
MIC33M650
Note: Unless otherwise indicated, SVIN =PVIN =5V; VOUT =1V; COUT =2 x47µF; TA =+25°C.
FIGURE 2-13:
VIN Turn-On (EN = PVIN).
FIGURE 2-14:
VIN Turn-Off (EN = PVIN),
RLOAD =0.3
FIGURE 2-15:
EN Turn-On, RLOAD =0.3.
FIGURE 2-16:
EN Turn-Off, RLOAD =0.3.
FIGURE 2-17:
EN Turn-On into Pre-Biased
Output (Vpre-bias =0.8V).
FIGURE 2-18:
Power-up into Short-Circuit.
VIN
5V/div
VOUT
500 mV/div
SW
5V/div
2ms/div
PG
5V/div
VIN
5V/div
VOUT
500 mV/div
PG
5V/div
SW
5V/div
400 µs/div
EN
5V/div
VOUT
500 mV/div
PG
5V/div
IOUT
2A/div
2ms/div
EN
5V/div
VOUT
500 mV/div
PG
5V/div
IOUT
2A/div
80 µs/div
EN
5V/div
VOUT
500 mV/div
PG
5V/div
SW
5V/div
1ms/div
EN
5V/div
VOUT
500 mV/div
PG
5V/div
SW
5V/div
2ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com