Electronic Components Datasheet Search
  English  ▼

X  

MIC33M650 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC33M650
Description  6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M650 Datasheet(HTML) 1 Page - Microchip Technology

  MIC33M650 Datasheet HTML 1Page - Microchip Technology MIC33M650 Datasheet HTML 2Page - Microchip Technology MIC33M650 Datasheet HTML 3Page - Microchip Technology MIC33M650 Datasheet HTML 4Page - Microchip Technology MIC33M650 Datasheet HTML 5Page - Microchip Technology MIC33M650 Datasheet HTML 6Page - Microchip Technology MIC33M650 Datasheet HTML 7Page - Microchip Technology MIC33M650 Datasheet HTML 8Page - Microchip Technology MIC33M650 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006253A-page 1
MIC33M650
Features
• 2.4V to 5.5V Input Voltage Range
• 6A Output Current
• Pin Strapping Voltage Selection:
- Tri-state pins (nine voltage options)
- 0.6V, 0.8V, 0.9V, 1.0V, 1.2V, 1.5V, 1.8V, 2.5V
or 3.3V output voltage
• Reduced Component Count (No Feedback
Resistors)
• High Efficiency (up to 95%)
• Output Discharge when Disabled
• Constant-On-Time (COT) Control with High
Switching Frequency:
- 1.2 MHz typical at 1.0V output voltage
• ±1.5% Output Voltage Accuracy Over
Line/Load/Temperature Range
• 0.8 ms/V Soft Start Speed
• Supports Safe Start-up with Pre-Biased Output
• Typical 1.5 µA Shutdown Supply Current
• Low Dropout Operation (100% Duty Cycle)
• Ultra-Fast Transient Response
• Latch-Off Thermal Shutdown Protection
• Latch-Off Current Limit Protection
• Power Good (PG) Open-Drain Output
• Meets CISPR32 Class B Emissions
• Package: 53-Lead, 6 mm x 10 mm B1QFN
Applications
• Solid-State Drives (SSD)
• FPGAs, DSP and Low-Voltage ASIC Power
General Description
The MIC33M650 is a pin-selectable output voltage,
high-efficiency, low-voltage input, 6A current, synchro-
nous step-down regulator power module with integrated
inductor. The COT control architecture with HyperLight
Load® mode provides very high efficiency at light loads,
while still having an ultra-fast transient response.
The MIC33M650 output voltage is set by two VSEL
(Voltage Selection) pins, between nine different values.
This method eliminates the need for an external feed-
back resistor divider and improves the output voltage
setting accuracy.
The 2.4V to 5.5V input voltage range, low shutdown and
quiescent currents make the MIC33M650 ideal for
single-cell Li-Ion battery-powered applications. The 100%
duty cycle capability provides low dropout operation,
extending operating range in portable systems.
The MIC33M650 pinout is compatible with the
MIC33M656 I2C-based programmable regulator ver-
sion, such that applications can be easily converted. An
open-drain PG output is provided to indicate when the
output voltage is within 9% of regulation and facilitates
the interface with an MCU or power sequencing. If set
in shutdown (EN = GND), the MIC33M650 typically
draws 1.5 µA, while the output is discharged through
10
pull-down.
The MIC33M650 is available in a thermally efficient,
53-Lead, 6 mm x 10 mm x 3 mm B1QFN package, with
an operating junction temperature range from -40°C
to +125°C.
FIGURE 1:
Radiated Emissions,
CISPR32, Class B (VIN =5V, VOUT =1V,
IOUT =6A).
6A, Pin Strapping Power Module
with HyperLight Load® Mode and Output Voltage Select


Similar Part No. - MIC33M650

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC33M656 MICROCHIP-MIC33M656 Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
MIC33M656-FAYMP-TR MICROCHIP-MIC33M656-FAYMP-TR Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
MIC33M656-HAYMP-TR MICROCHIP-MIC33M656-HAYMP-TR Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
MIC33M656-SAYMP-TR MICROCHIP-MIC33M656-SAYMP-TR Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
More results

Similar Description - MIC33M650

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
Enpirion, Inc.
EN5365QI ENPIRION-EN5365QI Datasheet
831Kb / 17P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Micrel Semiconductor
MIC23051 MICREL-MIC23051_09 Datasheet
735Kb / 13P
4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling
MIC23155 MICREL-MIC23155 Datasheet
732Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load and Power Good
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
logo
Microchip Technology
MIC33M350 MICROCHIP-MIC33M350 Datasheet
1Mb / 32P
3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
02/28/20
MIC33M656 MICROCHIP-MIC33M656 Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
MIC23350 MICROCHIP-MIC23350 Datasheet
946Kb / 28P
3A Step-Down Converter with HyperLight Load® and Output Voltage Select
Revision A March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com