Electronic Components Datasheet Search
  English  ▼

X  

MIC33M650 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC33M650
Description  6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M650 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC33M650 Datasheet HTML 10Page - Microchip Technology MIC33M650 Datasheet HTML 11Page - Microchip Technology MIC33M650 Datasheet HTML 12Page - Microchip Technology MIC33M650 Datasheet HTML 13Page - Microchip Technology MIC33M650 Datasheet HTML 14Page - Microchip Technology MIC33M650 Datasheet HTML 15Page - Microchip Technology MIC33M650 Datasheet HTML 16Page - Microchip Technology MIC33M650 Datasheet HTML 17Page - Microchip Technology MIC33M650 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MIC33M650
DS20006253A-page 14
 2019 Microchip Technology Inc.
3.1
Power Ground Pin (PGND)
PGND is the ground path for the MIC33M650 buck
converter power stage. The PGND pin connects to the
sources of the low-side N-Channel MOSFETs, the neg-
ative terminals of input capacitors and the negative
terminals of output capacitors. The loop for the Power
Ground must be as small as possible and separate
from the Analog Ground (AGND) loop.
3.2
Switch Node Pin (SW)
Switching node output pin which connects to the
internal MOSFETs and inductor. This is a high-
frequency connection; therefore, traces should be kept
as short and as wide as practical.
3.3
Power Supply Voltage Pin (PVIN)
Input supply to the source of the internal high-side
P-channel MOSFET. The PVIN operating voltage range
is from 2.4V to 5.5V. An input capacitor between PVIN
and the PGND pin is required and placed as close to the
IC as possible.
3.4
Output Side Connection Pins
(OUT)
Output side connection of the internal inductor. The
output capacitors must be connected from this pin
group to GND, as close to the module as possible.
3.5
Analog Voltage Input Pin (SVIN)
This pin is the power to the internal reference and
control sections of the MIC33M650. It is internally
connected to PVIN through a 10 resistor.
3.6
Output Voltage Selection Control
Pins (VSEL1, VSEL2)
Output Voltage Selection Control (Input). The logic
state of VSEL1 and VSEL2 selects the output voltage.
This input has three digital states: High, Low and
Floating. See Table 4-1.
3.7
Enable Pin (EN)
Logic high enables the regulator’s operation. Logic low
shuts down the device. In the OFF state, the supply
current of the device is greatly reduced (typically,
1.5 µA). The EN pin should not be left open.
3.8
Power Good Pin (PG)
This is an open-drain output that indicates when the
output voltage is higher than the 91% limit. There is a
4% hysteresis; therefore, PG will return low when the
output voltage falls below 87% of the target regulation
voltage.
3.9
Output Voltage Sense Pin (VOUT)
This pin is used to remote sense the output voltage.
Connect to VOUT as close to the output capacitor as
possible to sense the output voltage. It also provides
the path to discharge the output through an internal
10
 resistor when the device is disabled.
3.10
Analog Ground Pin (AGND)
Internal signal ground for all low-power circuits.
Connect to ground plane. For best load regulation, the
connection path from AGND to the output capacitor
ground terminal must be free from parasitic voltage
drops.
3.11
Auxiliary Analog Ground Pins
(AUX_AGND)
Connect these pins to AGND to make use of the internal
decoupling capacitor for SVIN pin filtering.
3.12
Auxiliary Input Voltage Pins
(AUX_PVIN)
Connect these pins to PVIN to make use of the internal
10 µF capacitor for PVIN filtering/decoupling.
3.13
OUT Exposed Pad (EP_OUT)
It is electrically connected to the OUT pins. It must be
externally connected to the output power connection.
3.14
SW Exposed Pad (EP_SW)
It is electrically connected to the SW node.
3.15
PGND Exposed Pad (EP_PGND)
It is electrically connected to the PGND pins. It must be
connected with thermal vias to the ground plane to
ensure adequate heat sinking.
3.16
PVIN Exposed Pad (EP_PVIN)
It is electrically connected to the PVIN pins. It must be
connected to the input power connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com